Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S09PU Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1S09PU
Description  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09PU Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1S09PU Datasheet HTML 3Page - STMicroelectronics ST1S09PU Datasheet HTML 4Page - STMicroelectronics ST1S09PU Datasheet HTML 5Page - STMicroelectronics ST1S09PU Datasheet HTML 6Page - STMicroelectronics ST1S09PU Datasheet HTML 7Page - STMicroelectronics ST1S09PU Datasheet HTML 8Page - STMicroelectronics ST1S09PU Datasheet HTML 9Page - STMicroelectronics ST1S09PU Datasheet HTML 10Page - STMicroelectronics ST1S09PU Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ST1S09
Electrical characteristics
7/18
Note:
1
Guaranteed by design, but not tested in production.
Table 7.
Electrical characteristics for ST1S09IPU Refer to Figure 22 application circuit
VIN_SW = VIN_A = VINH = 5 V, VO = 1.2 V, C1 = 4.7 µF, C2 = 22 µF, L1 = 2.7 µH,
TJ = -30 to 125 °C (unless otherwise specified. Typical values are referred to 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FB
Feedback voltage
784
800
816
mV
IFB
VFB pin bias current
600
nA
VI
Minimum input voltage
IO = 10mA to 2A
2.7
V
OVP
Over voltage protection
threshold
VO rising
1.05 VO 1.1 VO
V
Over voltage protection
hysteresis
VO falling
5
%
IQ
Quiescent current
VINH > 1.2V, not switching
1.5
2.5
mA
VINH < 0.4V, T = - 30°C to 85°C
1
µA
IO
Output current
VI = 2.7 to 5.5V Note 1
2A
VINH
Inhibit threshold
Device ON, VI = 2.7 to 5.5V
1.3
V
Device ON, VI = 2.7 to 5V
1.2
Device OFF
0.4
IINH
Inhibit pin current
2µA
%VO/ΔVI
Output line regulation
VI = 2.7V to 5.5V, IO = 100mA
Note 1
0.16
%VO/
ΔVI
%VO/ΔIO
Output load regulation
IO = 10mA to 2A Note 1
0.2
0.6
%VO/
ΔIO
PWMfS
PWM switching frequency
VFB = 0.65V
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
80
87
%
RDSON-N NMOS switch on resistance
ISW = 750 mA
0.1
Ω
RDSON-P PMOS switch on resistance
ISW = 750 mA
0.1
Ω
ISWL
Switching current limitation
Note 1
2.5
2.9
3.5
A
ν
Efficiency Note 1
IO = 10mA to 100mA, VO = 3.3V
65
%
IO = 100mA to 2A, VO = 3.3V
82
87
TSHDN
Thermal shutdown
150
°C
THYS
Thermal shutdown hysteresis
20
°C
%VO/ΔIO
Load transient response
IO = 100mA to 1A, TA = 25°C
tR = tF ≥ 200ns, Note 1
-10
+10
%VO
%VO/ΔIO
Short circuit removal response
IO = 10mA to IO = short,
TA = 25°C Note 1
-10
+10
%VO


Similar Part No. - ST1S09PU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S09PU STMICROELECTRONICS-ST1S09PU Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09PUR STMICROELECTRONICS-ST1S09PUR Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
More results

Similar Description - ST1S09PU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com