Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33790DW Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC33790DW
Description  Two-Channel Distributed System Interface (DSI) Physical Interface Device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33790DW Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC33790DW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33790DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33790DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33790DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33790DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33790DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33790DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33790DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33790DW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33790
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V
VDD ≤ 5.25 V, 8.0 V ≤ VSUP ≤ 25.0 V, -40°C ≤ TJ ≤ 150°C unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY
ISUP Supply Current /Channel (Not Including IOUT)
DSIx0 = Idle Voltage, -100 mA
≤ IOUT ≤ 0 mA
DSIx0 = Output High Voltage, IOUT = 12 mA
ISUPI
ISUPH
1.35
5.0
3.25
9.00
mA
IDD Supply Current /Channel
IDD
0.5
1.0
mA
BUS TRANSMITTER
VSUP to DSIxO ON Resistance (During Idle)
IOUT = -100 mA
RDS(ON)
10
Output High Voltage
DSIx0 (-15 mA
≤ IOUT ≤ 1.0 mA)
DSIVOH
4.175
4.5
4.825
V
Output Low Voltage
DSIx0 (-15 mA
≤ IOUT ≤ 1.0 mA)
DSIVOL
1.325
1.5
1.675
V
Output High-Side Current Limit (5)
ICLH
-100
-200
mA
Output Low-Side Current Limit (5)
ICLL
110
220
mA
Input Leakage
DSIxO When DSIxF Is High and DSIxS Is Low (0 V
≤ DSIxO ≤ Min
(VSUP = 16.5 V))
DSIIB
-200
50
µA
BUS RECEIVER
Return Current Threshold
IRH
-5.0
-6.0
-7.0
mA
MICROCONTROLLER INTERFACE
Logic Input Thresholds DSIxS, DSIxF
VIN(TH)
1.10
2.20
V
Output High Voltage
DSIxR Pin = -0.5 mA
VOH
0.8 VDD
VDD
V
Output Low Voltage
DSIxR Pin = 1.0 mA
VOL
0.0
0.2 VDD
V
Internal Pullup for DSIxF
IIL
-100
-10
µA
Internal Pulldown for DSIxS
IIH
10
100
µA
Notes
5.
After 10
µs settling time (assured by design).


Similar Part No. - MC33790DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33790DW MOTOROLA-MC33790DW Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Freescale Semiconductor...
MC33790DW FREESCALE-MC33790DW Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790DW/R2 MOTOROLA-MC33790DW/R2 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DWR2 MOTOROLA-MC33790DWR2 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Freescale Semiconductor...
MC33790DWR2 FREESCALE-MC33790DWR2 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
More results

Similar Description - MC33790DW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com