Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08QD4 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08QD4
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QD4 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08QD4_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QD4_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QD4_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QD4_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QD4_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QD4_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QD4_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QD4_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QD4_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 202 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
16 MHz HCS08 CPU (central processor
unit)
HC08 instruction set with added BGND
instruction
Background debugging system
Breakpoint capability to allow single
breakpoint setting during in-circuit
debugging (plus two more breakpoints in
on-chip debug module)
Support for up to 32 interrupt/reset sources
Memory
Flash read/program/erase over full
operating voltage and temperature
Flash size:
— MC9S08QD4/S9S08QD4: 4096 bytes
— MC9S08QD2/S9S08QD2: 2048 bytes
•RAM size
— MC9S08QD4/S9S08QD4: 256 bytes
— MC9S08QD2/S9S08QD2: 128 bytes
Power-Saving Modes
Wait plus three stops
Clock Source Options
ICS — Internal clock source module (ICS)
containing a frequency-locked-loop (FLL)
controlled by internal. Precision trimming
of internal reference allows 0.2% resolution
and 2% deviation over temperature and
voltage.
System Protection
Watchdog computer operating properly
(COP) reset with option to run from
dedicated 32 kHz internal clock source or
bus clock
Low-voltage detection with reset or
interrupt
Illegal opcode detection with reset
Illegal address detection with reset
Flash block protect
Peripherals
ADC — 4-channel, 10-bit analog-to-digital
converter with automatic compare
function, asynchronous clock source,
temperature sensor and internal bandgap
reference channel. ADC is hardware
triggerable using the RTI counter.
TIM1 — 2-channel timer/pulse-width
modulator; each channel can be used for
input capture, output compare, buffered
edge-aligned PWM, or buffered
center-aligned PWM
TIM2 — 1-channel timer/pulse-width
modulator; each channel can be used for
input capture, output compare, buffered
edge-aligned PWM, or buffered
center-aligned PWM
KBI — 4-pin keyboard interrupt module
with software selectable polarity on edge or
edge/level modes
Input/Output
Four General-purpose input/output (I/O)
pins, one input-only pin and one
output-only pin. Outputs 10 mA each, 60
mA maximum for package.
Software selectable pullups on ports when
used as input
Software selectable slew rate control and
drive strength on ports when used as output
Internal pullup on RESET and IRQ pin to
reduce customer system cost
Development Support
Single-wire background debug interface
Package Options
8-pin SOIC package
8-pin PDIP (Only for MC9S08QD4 and
MC9S08QD2)
All package options are RoHS compliant
MC9S08QD4 Series Features


Similar Part No. - MC9S08QD4_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
More results

Similar Description - MC9S08QD4_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com