Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08QE32 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08QE32
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE32 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08QE32 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
MCU Block Diagram
MC9S08QE32 MCU Series Data Sheet, Rev. 1
Freescale Semiconductor
3
1
MCU Block Diagram
The block diagram, Figure 1, shows the structure of the MC9S08QE32 MCU.
Figure 1. MC9S08QE32 Series Block Diagram
IIC MODULE (IIC)
USER FLASH
USER RAM
HCS08 CORE
CPU
BDC
PTB7/SCL/EXTAL
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
COP
LVD
PTB6/SDA/XTAL
PTB5/TPM1CH1/SS
PTB4/TPM2CH1/MISO
PTB3/KBI1P7/MOSI/ADP7
PTB2/KBI1P6/SPSCK/ADP6
VOLTAGE REGULATOR
PTA1/KBI1P1/TPM2CH0/ADP1/ACMP1–
ANALOG COMPARATOR
(ACMP1)
LOW-POWER OSCILLATOR
50.33 MHz INTERNAL CLOCK
SOURCE (ICS)
31.25 kHz to 38.4 kHz
1 MHz to 16 MHz
(XOSCVLP)
VSS
VDD
ANALOG-TO-DIGITAL
CONVERTER (ADC12)
10-CHANNEL, 12-BIT
PTB1/KBI1P5/TxD1/ADP5
PTB0/KBI1P4/RxD1/ADP4
PTC7/TxD2/ACMP2-
PTC6/RxD2/ACMP2+
PTC5/TPM3CH5/ACMP2O
PTC4/TPM3CH4
REAL-TIME COUNTER
(MC9S08QE32 = 32768 BYTES)
(MC9S08QE16 = 16384 BYTES)
(MC9S08QE32 = 2048 BYTES)
(MC9S08QE16 = 1024 BYTES)
PTA3/KBI1P3/SCL/ADP3
PTA2/KBI1P2/SDA/ADP2
PTA0/KBI1P0/TPM1CH0/ADP0/ACMP1+
PTA4/ACMP1O/BKGD/MS
PTA5/IRQ/TPM1CLK/RESET
IRQ
pins not available on 28-pin packages
(RTC)
ANALOG COMPARATOR
(ACMP2)
PTA7/TPM2CH2/ADP9
PTA6/TPM1CH2/ADP8
PTC3/TPM3CH3
PTC2/TPM3CH2
PTC1/TPM3CH1
PTC0/TPM3CH0
VSSAD/VREFL
VDDAD/VREFH
pins not available on 28-pin, 32-pin, or 44-pin packages
BKGD/MS
IRQ
EXTAL
XTAL
VREFL
VREFH
SCL
SDA
MISO
MOSI
SPSCK
SS
RxD1
TxD1
DEBUG MODULE (DBG)
ACMP1O
ACMP1–
ACMP1+
ACMP2O
ACMP2–
ACMP2+
ADP9-ADP0
TPM1CLK
TPM1CH2-TPM1CH0
3-CHANNEL TIMER/PWM
MODULE (TPM1)
KEYBOARD INTERRUPT
MODULE (KBI2)
KBI2P7-KBI2P0
VSSAD
VDDAD
VSSAD
Notes: When PTA5 is configured as RESET, pin becomes bi-directional with output being open-drain drive containing an internal pull-up device.
When PTA4 is configured as BKGD, pin becomes bi-directional.
For the 28-pin packages: VSSAD/VREFL and VDDAD/VREFH are double bonded to VSS and VDD respectively.
PTD7/KBI2P7
PTD6/KBI2P6
PTD5/KBI2P5
PTD4/KBI2P4
PTD3/KBI2P3
PTD2/KBI2P2
PTD1/KBI2P1
PTD0/KBI2P0
PTE7/TPM3CLK
PTE6
PTE5
PTE4
PTE3/SS
PTE2/MISO
PTE1/MOSI
PTE0/TPM2CLK/SPSCK
pins not available on 28-pin or 32-pin packages
RxD2
TxD2
INTERFACE MODULE(SCI2)
SERIAL COMMUNICATIONS
INTERFACE MODULE(SCI1)
SERIAL COMMUNICATIONS
SERIAL PERIPHERAL
INTERFACE MODULE(SPI)
TPM2CLK
TPM2CH2-TPM2CH0
3-CHANNEL TIMER/PWM
MODULE (TPM2)
TPM3CLK
TPM3CH5-TPM3CH0
6-CHANNEL TIMER/PWM
MODULE (TPM3)
KEYBOARD INTERRUPT
MODULE (KBI1)
KBI1P7-KBI1P0
VDDAD
The 48-pin package is the only package with the option of having the SPI pins (SS, MISO, MOSI, and SPSCK) available on PTE3-0 pins.


Similar Part No. - MC9S08QE32

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
991Kb / 46P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08QE32 NXP-MC9S08QE32 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08QE32 NXP-MC9S08QE32 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08QE32 NXP-MC9S08QE32 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08QE32 NXP-MC9S08QE32 Datasheet
778Kb / 35P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08QE32

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com