Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9S08EL8E1V28R Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # S9S08EL8E1V28R
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08EL8E1V28R Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  S9S08EL8E1V28R Datasheet HTML 1Page - Freescale Semiconductor, Inc S9S08EL8E1V28R Datasheet HTML 2Page - Freescale Semiconductor, Inc S9S08EL8E1V28R Datasheet HTML 3Page - Freescale Semiconductor, Inc S9S08EL8E1V28R Datasheet HTML 4Page - Freescale Semiconductor, Inc S9S08EL8E1V28R Datasheet HTML 5Page - Freescale Semiconductor, Inc S9S08EL8E1V28R Datasheet HTML 6Page - Freescale Semiconductor, Inc S9S08EL8E1V28R Datasheet HTML 7Page - Freescale Semiconductor, Inc S9S08EL8E1V28R Datasheet HTML 8Page - Freescale Semiconductor, Inc S9S08EL8E1V28R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 356 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
• 40-MHz HCS08 CPU (central processor unit)
• HC08 instruction set with added BGND instruction
• Support for up to 32 interrupt/reset sources
On-Chip Memory
• FLASH read/program/erase over full operating
voltage and temperature
• EEPROM in-circuit programmable memory;
program and erase while executing FLASH; erase
abort
• Random-access memory (RAM)
• Security circuitry to prevent unauthorized access
to RAM and NVM contents
Power-Saving Modes
• Two very low-power stop modes
• Reduced power wait mode
• Very low-power real-time interrupt for use in run,
wait, and stop
Clock Source Options
• Oscillator (XOSC) — Loop-control Pierce
oscillator; Crystal or ceramic resonator range of
31.25 kHz to 38.4 kHz or 1 MHz to 16 MHz
• Internal clock source (ICS) — Contains a
frequency-locked loop (FLL) controlled by internal
or external reference; precision trimming of
internal reference allows 0.2% resolution and 2%
deviation over temperature and voltage; supports
bus frequencies from 2–20 MHz
System Protection
• Watchdog computer operating properly (COP)
reset with option to run from dedicated 1-kHz
internal clock source or bus clock
• Low-voltage detection with reset or interrupt;
selectable trip points
• Illegal opcode detection with reset
• Illegal address detection with reset
• FLASH and EEPROM block protect
Development Support
• Single-wire background debug interface
• Breakpoint capability allows single breakpoint
setting during in-circuit debugging (plus two more
breakpoints in the on-chip debug module)
• In-circuit emulation (ICE) debug module —
contains two comparators and nine trigger modes;
eight-deep FIFO for storing change-of-flow
address and event-only data; supports both tag
and force breakpoints
Peripherals
• ADC — 16-channel, 10-bit resolution, 2.5
μs
conversion time, automatic compare function,
temperature sensor, internal bandgap reference
channel; runs in stop3
• ACMPx — Two analog comparators with
selectable interrupt on rising, falling, or either
edge of comparator output; compare option to
fixed internal bandgap reference voltage; output
can optionally be routed to TPM module; runs in
stop3
• SCI — Full duplex non-return to zero (NRZ); LIN
master extended break generation; LIN slave
extended break detection; wake-up on active
edge
• SLIC — Supports LIN 2.0 and SAE J2602
protocols; up to 120 kbps, full LIN message
buffering, automatic bit rate and frame
synchronization, checksum generation and
verification, UART-like byte transfer mode
• SPI — Full-duplex or single-wire bidirectional;
double-buffered transmit and receive; master or
slave mode; MSB-first or LSB-first shifting
• IIC — Up to 100 kbps with maximum bus loading;
Multi-master operation; Programmable slave
address; Interrupt driven byte-by-byte data
transfer
• TPMx — One 4-channel (TPM1) and one
2-channel (TPM2); selectable input capture,
output compare, or buffered edge- or
center-aligned PWM on each channel
• RTC — 8-bit modulus real-time counter with
binary or decimal based prescaler; external clock
source for precise time base, time-of-day,
calendar, or task scheduling functions; free
running on-chip low power oscillator (1 kHz) for
cyclic wake-up without external components
Input/Output
• 22 general purpose I/O pins
• 16 interrupt pins with selectable polarity
• Hysteresis and configurable pull up device on all
input pins; Configurable slew rate and drive
strength on all output pins.
Package Options
•28-TSSOP
•20-TSSOP
MC9S08EL32 Features


Similar Part No. - S9S08EL8E1V28R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08AW16 FREESCALE-S9S08AW16 Datasheet
3Mb / 324P
   Microcontrollers
S9S08AW16 FREESCALE-S9S08AW16 Datasheet
1Mb / 324P
   Microcontrollers
S9S08AW16 FREESCALE-S9S08AW16 Datasheet
1Mb / 324P
   MC9S08AW60 Features
S9S08AW16A FREESCALE-S9S08AW16A Datasheet
3Mb / 344P
   8-Bit HCS08 Central Processor Unit (CPU)
S9S08AW16A FREESCALE-S9S08AW16A Datasheet
5Mb / 330P
   HCS08 Microcontrollers
More results

Similar Description - S9S08EL8E1V28R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com