Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78XXAB Datasheet(PDF) 2 Page - STMicroelectronics

Part # L78XXAB
Description  Precision 1 A regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78XXAB Datasheet(HTML) 2 Page - STMicroelectronics

  L78XXAB Datasheet HTML 1Page - STMicroelectronics L78XXAB Datasheet HTML 2Page - STMicroelectronics L78XXAB Datasheet HTML 3Page - STMicroelectronics L78XXAB Datasheet HTML 4Page - STMicroelectronics L78XXAB Datasheet HTML 5Page - STMicroelectronics L78XXAB Datasheet HTML 6Page - STMicroelectronics L78XXAB Datasheet HTML 7Page - STMicroelectronics L78XXAB Datasheet HTML 8Page - STMicroelectronics L78XXAB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Contents
L78xxAB - L78xxAC
2/26
Contents
1
Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
5
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
6
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
6.1
Design consideration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
7
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
8
Order codes
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
9
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25


Similar Part No. - L78XXAB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 52P
   Positive voltage regulators
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Guangdong Youtai Semico...
L78XX UMW-L78XX Datasheet
1Mb / 11P
   Three-terminal positive voltage regulator
L78XX UMW-L78XX Datasheet
2Mb / 9P
   Three-terminal positive voltage regulator
L78XX UMW-L78XX Datasheet
1Mb / 11P
   Three-terminal positive voltage regulator
More results

Similar Description - L78XXAB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7805AB STMICROELECTRONICS-L7805AB_08 Datasheet
780Kb / 26P
   Precision 1 A regulators
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
logo
STMicroelectronics
SFC2723A STMICROELECTRONICS-SFC2723A Datasheet
84Kb / 1P
   Precision Voltage Regulators
L7800AB STMICROELECTRONICS-L7800AB Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
logo
Texas Instruments
UA723 TI1-UA723 Datasheet
806Kb / 21P
[Old version datasheet]   PRECISION VOLTAGE REGULATORS
logo
STMicroelectronics
L78M00AB STMICROELECTRONICS-L78M00AB Datasheet
203Kb / 17P
   PRECISION 500mA REGULATORS
L7800AB STMICROELECTRONICS-L7800AB_07 Datasheet
373Kb / 28P
   Precision 1A regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com