Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1086XX Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD1086XX
Description  1.5 A low drop positive voltage regulator adjustable and fixed 
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086XX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD1086XX Datasheet HTML 4Page - STMicroelectronics LD1086XX Datasheet HTML 5Page - STMicroelectronics LD1086XX Datasheet HTML 6Page - STMicroelectronics LD1086XX Datasheet HTML 7Page - STMicroelectronics LD1086XX Datasheet HTML 8Page - STMicroelectronics LD1086XX Datasheet HTML 9Page - STMicroelectronics LD1086XX Datasheet HTML 10Page - STMicroelectronics LD1086XX Datasheet HTML 11Page - STMicroelectronics LD1086XX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Schematic application
LD1086xx
8/38
4
Schematic application
Figure 3.
Application circuit
V
O
V
REF
1
R
2
R
1
-------
+
⎝⎠
⎛⎞
=


Similar Part No. - LD1086XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
LD1086XX12 STMICROELECTRONICS-LD1086XX12 Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
LD1086XX12 STMICROELECTRONICS-LD1086XX12 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
LD1086XX15 STMICROELECTRONICS-LD1086XX15 Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com