Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20L15D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20L15D
Description  LOW DROP OR-ing POWER SCHOTTKY DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L15D Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20L15D Datasheet HTML 1Page - STMicroelectronics STPS20L15D Datasheet HTML 2Page - STMicroelectronics STPS20L15D Datasheet HTML 3Page - STMicroelectronics STPS20L15D Datasheet HTML 4Page - STMicroelectronics STPS20L15D Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STPS20L15D/G
®
July 1999 - Ed: 2B
LOW DROP OR-ing POWER SCHOTTKY DIODE
IF(AV)
20 A
VRRM
15 V
Tj (max)
125°C
VF (max)
0.33 V
MAIN PRODUCT CHARACTERISTICS
VERY LOW FORWARD VOLTAGE DROP FOR
LESS POWER DISSIPATION AND REDUCED
HEATSINK SIZE
REVERSE VOLTAGE SUITED TO OR-ing OF 3V,
5V and 12V RAILS
FEATURES AND BENEFITS
Packaged in TO-220AC or D
2PAK, this device is
especially intended for use as an OR-ing diode in
fault tolerant power supply equipments.
DESCRIPTION
TO-220AC
STPS20L15D
A
K
K
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
15
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
Tc = 115°C
δ = 1
20
A
IFSM
Surge non repetitive forward current
tp = 10 ms
Sinusoidal
310
A
IRRM
Repetitive peak reverse current
tp = 2
µs F = 1kHz
2
A
IRSM
Non repetitive peak reverse current
tp = 100
µs3
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
125
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
D
2PAK
STPS20L15G
NC
A
K
* :
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/5


Similar Part No. - STPS20L15D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
STPS20L15D IRF-STPS20L15D Datasheet
276Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS20L15D VISHAY-STPS20L15D Datasheet
110Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
STPS20L15D VISHAY-STPS20L15D Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 15-Aug-08
logo
STMicroelectronics
STPS20L15D STMICROELECTRONICS-STPS20L15D Datasheet
92Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
logo
Vishay Siliconix
STPS20L15D-N3 VISHAY-STPS20L15D-N3 Datasheet
160Kb / 7P
   Schottky Rectifier, 20 A
Revision: 30-Aug-11
More results

Similar Description - STPS20L15D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40L15C STMICROELECTRONICS-STPS40L15C_11 Datasheet
112Kb / 8P
   Low drop OR-ing power Schottky diode
STPS60L15CW STMICROELECTRONICS-STPS60L15CW Datasheet
57Kb / 4P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS80L15TV STMICROELECTRONICS-STPS80L15TV Datasheet
49Kb / 4P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS120L15TV STMICROELECTRONICS-STPS120L15TV Datasheet
46Kb / 4P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS40L15CW STMICROELECTRONICS-STPS40L15CW_03 Datasheet
83Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS20L15D STMICROELECTRONICS-STPS20L15D_03 Datasheet
92Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS40L15CW STMICROELECTRONICS-STPS40L15CW Datasheet
84Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS40L15C STMICROELECTRONICS-STPS40L15C Datasheet
112Kb / 8P
   Low drop OR-ing power Schottky diode
July 2011 Rev 6
STPS80L15CY STMICROELECTRONICS-STPS80L15CY Datasheet
131Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X200-0008D IXYS-DSS2X200-0008D Datasheet
165Kb / 1P
   OR-ing Power Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com