Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU900TP Datasheet(PDF) 5 Page - STMicroelectronics

Part # BU900TP
Description  NPN power TRILINTON
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU900TP Datasheet(HTML) 5 Page - STMicroelectronics

  BU900TP Datasheet HTML 1Page - STMicroelectronics BU900TP Datasheet HTML 2Page - STMicroelectronics BU900TP Datasheet HTML 3Page - STMicroelectronics BU900TP Datasheet HTML 4Page - STMicroelectronics BU900TP Datasheet HTML 5Page - STMicroelectronics BU900TP Datasheet HTML 6Page - STMicroelectronics BU900TP Datasheet HTML 7Page - STMicroelectronics BU900TP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BU900TP
Package mechanical data
5/8
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - BU900TP

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
1Mb / 14P
   Output 1.0A High-efficiency Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ_11 Datasheet
1Mb / 14P
   Output 1.0A High-efficiency Step-down Switching regulators with Built-in Power MOSFET
More results

Similar Description - BU900TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD37N05TZ STMICROELECTRONICS-STD37N05TZ Datasheet
150Kb / 8P
   NPN power TRILINTON?
logo
Unisonic Technologies
BCP68 UTC-BCP68 Datasheet
91Kb / 2P
   NPN MEDIUM POWER POWER
logo
Fairchild Semiconductor
D44H8 FAIRCHILD-D44H8 Datasheet
153Kb / 4P
   NPN Power Amplifier
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
BD139 UTC-BD139 Datasheet
84Kb / 2P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com