Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3440 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N3440
Description  SILICON NPN TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3440 Datasheet(HTML) 2 Page - STMicroelectronics

  2N3440 Datasheet HTML 1Page - STMicroelectronics 2N3440 Datasheet HTML 2Page - STMicroelectronics 2N3440 Datasheet HTML 3Page - STMicroelectronics 2N3440 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
17.5
175
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
for 2N3439
VCB = 360 V
for 2N3440
VCB = 250 V
20
20
µA
µA
ICEO
Collector Cut-off
Current (IB = 0)
for 2N3439
VCE = 300 V
for 2N3440
VCE = 200 V
20
50
µA
µA
ICEX
Collector Cut-off
Current (VBE = -1.5V)
for 2N3439
VCE = 450 V
for 2N3440
VCE = 300 V
500
500
µA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 6 V
20
µA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 50 mA
for 2N3439
for 2N3440
350
250
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 50 mA
IB = 4 mA
0.5
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 50 mA
IB = 4 mA
1.3
V
hFE
DC Current Gain
IC = 20 mA
VCE = 10 V
IC = 2 mA
VCE = 10 V for 2N3439
40
30
160
hFE
Small Signal Current
Gain
IC = 5 mA
VCE = 10 V
f = 1KHz
25
fT
Transition frequency
IC = 5 mA
VCE = 10 V
f = 5MHz
15
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
2N3439 / 2N3440
2/4


Similar Part No. - 2N3440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3440 STMICROELECTRONICS-2N3440 Datasheet
66Kb / 4P
   SILICON NPN TRANSISTORS
June 1997
logo
New Jersey Semi-Conduct...
2N3440 NJSEMI-2N3440 Datasheet
102Kb / 2P
   High-Voltage Silicon N-P-N Transistors
logo
Seme LAB
2N3440 SEME-LAB-2N3440 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3440 NJSEMI-2N3440 Datasheet
102Kb / 2P
   High-Voltage Silicon N-P-N Transistors
logo
Boca Semiconductor Corp...
2N3440 BOCA-2N3440 Datasheet
262Kb / 6P
   HIGH VOLTAGE AMPLIFIERS
More results

Similar Description - 2N3440

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com