Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33912BAC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC33912BAC
Description  LIN System Basis Chip with DC Motor Pre-driver and Current
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33912BAC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33912BAC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33912BAC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33912BAC Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33912BAC Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33912BAC Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33912BAC Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33912BAC Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33912BAC Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33912BAC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33912
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
L1, L2, L3 AND L4 INPUT PINS (L1, L2, L3, L4)
Low Detection Threshold
5.5V < VSUP < 27V
VTHL
2.0
2.5
3.0
V
High Detection Threshold
5.5V < VSUP < 27V
VTHH
3.0
3.5
4.0
V
Hysteresis
5.5V < VSUP < 27V
VHYS
0.5
1.0
1.5
V
Input Current(36)
-0.2V < VIN < VS1
IIN
-10
10
µA
Analog Input Impedance(37)
RLXIN
800
1550
k
Analog Input Divider Ratio (RATIOLx = VLx / VADOUT0)
LXDS (Lx Divider Select) = 0
LXDS (Lx Divider Select) = 1
RATIOLX
0.95
3.42
1.0
3.6
1.05
3.78
Analog Output offset Ratio
LXDS (Lx Divider Select) = 0
LXDS (Lx Divider Select) = 1
VRATIOLx-
OFFSET
-80
-22
0.0
0.0
80
22
mV
Analog Inputs Matching
LXDS (Lx Divider Select) = 0
LXDS (Lx Divider Select) = 1
LXMATCHING
96
96
100
100
104
104
%
WINDOW WATCHDOG CONFIGURATION PIN (WDCONF)
External Resistor Range
REXT
20
200
k
Watchdog Period Accuracy with External Resistor (Excluding Resistor
Accuracy)(38)
WDACC
-15
15
%
ANALOG MULTIPLEXER
Internal Chip Temperature Sense Gain
STTOV
10.5
mV/K
VSENSE Input Divider Ratio (RATIOVSENSE = VVSENSE / VADOUT0)
5.5V < VSUP < 27V
RATIOVSENSE
5.0
5.25
5.5
VSENSE Output Related Offset
-40°C < TA < -20°C
OFFSETVSENSE
-30
-45
30
45
mV
ANALOG OUTPUTS (ADOUT0 AND ADOUT1)
Maximum Output Voltage
-5mA < IO < 5mA
VOUT_MAX
VDD -0.35
VDD
V
Minimum Output Voltage
-5mA < IO < 5mA
VOUT_MIN
0.0
0.35
V
Notes
36.
Analog multiplexer input disconnected from Lx input pin.
37.
Analog multiplexer input connected to Lx input pin.
38.
Watchdog timing period calculation formula: tPWD [ms] = 0.466 * (REXT - 20) + 10 (REXT in kΩ)
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33912 and -40°C ≤ TA ≤ 85°C for the
34912, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC33912BAC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33912BAC FREESCALE-MC33912BAC Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
More results

Similar Description - MC33912BAC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
MC33911 FREESCALE-MC33911_10 Datasheet
1Mb / 92P
   LIN System Basis Chip with DC Motor Pre-driver
33911 FREESCALE-33911 Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6833 ATMEL-ATA6833_09 Datasheet
666Kb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com