Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3006NT1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMG3006NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3006NT1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMG3006NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3006NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3006NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3006NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3006NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3006NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG3006NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3006NT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG3006NT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
RF Device Data
Freescale Semiconductor
MMG3006NT1
50 OHM TYPICAL CHARACTERISTICS: 900 MHz
32
−55
−25
24
Pout, OUTPUT POWER (dBm)
Figure 12. IS-95 Adjacent Channel Power Ratio
versus Output Power
−40
−45
−50
30
28
26
TC = −40°C
25
°C
85
°C
32
−60
−35
24
Pout, OUTPUT POWER (dBm)
Figure 13. IS-95 Adjacent Channel Power Ratio
versus Output Power
−40
−45
−50
30
28
26
25
°C
VDC = 5 Vdc, f = 900 MHz
Single−Carrier IS−95, 9 Channel Forward
750 kHz Measurement Offset
30 kHz Measurement Bandwidth
VDC = 5 Vdc, f = 900 MHz
Single−Carrier IS−95, 9 Channel Forward
885 kHz Measurement Offset
30 kHz Measurement Bandwidth
−35
−30
−30
−55
TC = −40°C
85
°C


Similar Part No. - MMG3006NT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
More results

Similar Description - MMG3006NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com