Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34727AFC Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC34727AFC
Description  600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34727AFC Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC34727AFC Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
MC34727
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. Device Variations
Freescale Part No.
VIN Range
Output Voltage(1)
Maximum Load Current
Switch Frequency (MHz)(2)
MC34727AFC
2.7 - 5.5V
1.2V
600mA
2.0
MC34727BFC
2.7 - 5.5V
1.8V
600mA
2.0
MC34727CFC
3.6 - 5.5V
3.3V
600mA
2.0
Notes
1.
Output voltages of: 0.8V, 0.9V, 1.0V, 1.1V, 1.3V, 1.4V, 1.5V, 1.85V, 2.0V, 2.5V options available on request. Contact Freescale sales.
2.
Factory programmable at 2.0MHz or 4.0Mhz. Contact Freescale sales for availability of the 4.0MHz functionality.


Similar Part No. - MC34727AFC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726AFC FREESCALE-MC34726AFC Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726AFC FREESCALE-MC34726AFC Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726AFCR2 FREESCALE-MC34726AFCR2 Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726BFC FREESCALE-MC34726BFC Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
More results

Similar Description - MC34727AFC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34726 FREESCALE-34726 Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Renesas Technology Corp
ISL9105 RENESAS-ISL9105 Datasheet
877Kb / 11P
   600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL9105 INTERSIL-ISL9105 Datasheet
588Kb / 11P
   600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com