Part Name
         Description
MC145170-2

 PLL Frequency Synthesizer with Serial Interface ( 32 Page)


FREESCALE
100% 
Zoom Out Zoom In
 
 2 page
background image
MC145170-2 Technical Data, Rev. 5
2
Freescale Semiconductor
Introduction
The device features fully programmable R and N counters, an amplifier at the fin pin, on-chip support of
an external crystal, a programmable reference output, and both single- and double-ended phase detectors
with linear transfer functions (no dead zones). A configuration (C) register allows the part to be configured
to meet various applications. A patented feature allows the C register to shut off unused outputs, thereby
minimizing noise and interference.
In order to reduce lock times and prevent erroneous data from being loaded into the counters, a patented
jam-load feature is included. Whenever a new divide ratio is loaded into the N register, both the N and R
counters are jam-loaded with their respective values and begin counting down together. The phase
detectors are also initialized during the jam load.
Operating Voltage Range: 2.7 to 5.5 V
Maximum Operating Frequency:
185 MHz @ Vin = 500 mVpp, 4.5 V Minimum Supply
100 MHz @ Vin = 500 mVpp, 3.0 V Minimum Supply
Operating Supply Current:
0.6 mA @ 3.0 V, 30 MHz
1.5 mA @ 3.0 V, 100 MHz
3.0 mA @ 5.0 V, 50 MHz
5.8 mA @ 5.0 V, 185 MHz
Operating Temperature Range: -40 to 85
°C
R Counter Division Range: 1 and 5 to 32,767
N Counter Division Range: 40 to 65,535
Programs through Standard Serial Peripheral Interface (SPI)
See Application Notes AN1207/D and AN1671/D
Contact Freescale for MC145170 control software.
Table 1. Comparision of the PLL Frequency Synthesizers
Parameter
MC145170-2
MC145170-1
Minimum Supply Voltage
2.7 V
2.5 V
Maximum Input Current, fin
150
µA
120
µA
Dynamic Characteristics, fin (Figure 26)
Unchanged
-
Power-On Reset Circuit
Improved
-
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ML145170Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface 1 2 3 4 5 MoreLANSDALE Semiconductor Inc.
MB15F73UL_01Dual Serial Input PLL Frequency Synthesizer 1 2 3 4 5 MoreFujitsu Component Limited.
CY2545_0710Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface 1 2 3 4 5 MoreCypress Semiconductor
MC12210SERIAL INPUT PLL FREQUENCY SYNTHESIZER 1 2 3 4 5 MoreMotorola, Inc
MB15F76UL_02Dual Serial Input PLL Frequency Synthesizer 1 2 3 4 5 MoreFujitsu Component Limited.
MB15F74UV_04Dual Serial Input PLL Frequency Synthesizer 1 2 3 4 5 MoreFujitsu Component Limited.
MB15F63ULDual Serial Input PLL Frequency Synthesizer 1 2 3 4 5 MoreFujitsu Component Limited.
MB1503LOW-POWER PLL FREQUENCY SYNTHESIZER WITH POWER SAVE FUNCTION 1.1GHz 1 2 3 4 5 MoreFujitsu Component Limited.
ML12202MECL PLL Components Serial Input PLL Frequency Synthesizer 1 2 3 4 5 MoreLANSDALE Semiconductor Inc.
ML12210Serial Input PLL Frequency Synthesizer 1 2 3 4 5 MoreLANSDALE Semiconductor Inc.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl