Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51JM32 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCF51JM32
Description  MCF51JM128 ColdFire Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51JM32 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF51JM32 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51JM32 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51JM32 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51JM32 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51JM32 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51JM32 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51JM32 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51JM32 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51JM32 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
MCF51JM128 Family Configurations
MCF51JM128 ColdFire Microcontroller, Rev. 2
Freescale Semiconductor
3
1
MCF51JM128 Family Configurations
1.1
Device Comparison
The MCF51JM128 series consists of the devices compared in Table 1.
Table 1. MCF51JM128 Series Device Comparison
Feature
MCF51JM128
MCF51JM64
MCF51JM32
80-pin
64-pin
44-pin
80-pin
64-pin
44-pin
80-pin
64-pin
44-pin
Flash memory size (Kbytes)
128
64
32
RAM size (Kbytes)
16
16
16
V1 ColdFire core with BDM (background
debug module)
Yes
ACMP (analog comparator)
Yes
ADC (analog-to-digital converter)
channels (12-bit)
128128128
CAN (controller area network)
Yes
No
Yes
No
Yes
No
CAU (cryptographic acceleration unit)
Yes
No
No
Yes
No
No
Yes
No
No
CMT (carrier modulator timer)
Yes
COP (computer operating properly)
Yes
IIC1 (inter-integrated circuit)
Yes
IIC2
Yes
No
Yes
No
Yes
No
IRQ (interrupt request input)
Yes
KBI (keyboard interrupts)
8
8
6
8
8688
6
LVD (low-voltage detector)
Yes
MCG (multipurpose clock generator)
Yes
Port I/O1
66
51
33
66
51
33
66
51
33
RGPIO (rapid general-purpose I/O)
16
6
0
16
6
0
16
6
0
RNGA (random number generator
accelerator)
Yes
RTC (real-time counter)
Yes
SCI1 (serial communications interface)
Yes
SCI2
Yes
SPI1 (serial peripheral interface)
Yes
SPI2
Yes


Similar Part No. - MCF51JM32

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JM32EVLD FREESCALE-MCF51JM32EVLD Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF51JM32EVLH FREESCALE-MCF51JM32EVLH Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF51JM32EVLK FREESCALE-MCF51JM32EVLK Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF51JM32EVQH FREESCALE-MCF51JM32EVQH Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF51JM32VLD FREESCALE-MCF51JM32VLD Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
More results

Similar Description - MCF51JM32

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JM128 FREESCALE-MCF51JM128_09 Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com