Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51AC128AVFUE Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCF51AC128AVFUE
Description  MCF51AC256 ColdFire Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51AC128AVFUE Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF51AC128AVFUE Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51AC128AVFUE Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51AC128AVFUE Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51AC128AVFUE Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51AC128AVFUE Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51AC128AVFUE Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51AC128AVFUE Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51AC128AVFUE Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51AC128AVFUE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MCF51AC256
Rev.1 , 06/2008
© Freescale Semiconductor, Inc., 2008. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MCF51AC256
80 LQFP
14 mm
× 14 mm
64 LQFP
10 mm
× 10 mm
64 QFP
14 mm
× 14 mm
The MCF51AC256 is a member of the ColdFire® family of
32-bit variable-length reduced instruction set (RISC)
microcontroller. This document provides an overview of the
MCF51AC256 series, focusing on its highly integrated and
diverse feature set.
The MCF51AC256 series is based on the V1 ColdFire core
and operates at processor core speeds up to 50.33 MHz. As
part of Freescale’s Controller Continuum®, it is an ideal
upgrade for designs based on the MC9S08AC128 series of
8-bit microcontrollers.
The MCF51AC256 features the following functional units:
V1 ColdFire core with background debug module
Up to 256 KBytes of flash memory
Up to 32 Kbytes of static RAM (SRAM)
Up to two analog comparators (ACMP)
Analog-to-digital converter (ADC) with up to 24
channels
Controller-area network (CAN)
Cyclic redundancy check (CRC)
Inter-integrated circuit (IIC)
Keyboard interrupt (KBI)
Multipurpose clock generator (MCG)
Rapid general-purpose input/output (RGPIO)
Two serial communications interfaces (SCI)
Up to two serial parallel interfaces (SPI)
Two flexible timer modules (FTM)
Timer pulse-width modulator (TPM)
MCF51AC256 ColdFire
Microcontroller


Similar Part No. - MCF51AC128AVFUE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51AC128AVFUE FREESCALE-MCF51AC128AVFUE Datasheet
1Mb / 46P
   ColdFire Microcontroller
More results

Similar Description - MCF51AC128AVFUE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com