Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX27LMOP4A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MCIMX27LMOP4A
Description  Multimedia Applications Processor
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX27LMOP4A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MCIMX27LMOP4A Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX27LMOP4A Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX27LMOP4A Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX27LMOP4A Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX27LMOP4A Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX27LMOP4A Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX27LMOP4A Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX27LMOP4A Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX27LMOP4A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 132 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.2
2
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Introduction
Portable DVD players
Digital cameras
The i.MX27/MX27L processor features the advanced and power-efficient ARM926EJ-S core operating at
speeds up to 400 MHz, and is optimized for minimal power consumption using the most advanced
techniques for power saving (for example, DPTC, power gating, and clock gating). With 90 nm technology
and dual Vt, the i.MX27/MX27L device provides the optimal performance vs. leakage current balance.
The performance of the i.MX27/MX27L processors are both boosted by an on-chip cache system, and
features peripheral devices, such as an MPEG-4, H.263, an H.264 video codec (up to D1—720 x 486—@
30 FPS), LCD, eMMA_lt, and CMOS Sensor Interface controllers.
The i.MX27/MX27L processors supports connections to various types of external memories, such as
266-MHz DDR, NAND Flash, NOR Flash, SDRAM, and SRAM. The i.MX27/MX27L devices can be
connected to a variety of external devices using technology, such as high-speed USBOTG 2.0, the
Advanced Technology Attachment (ATA), Multimedia/Secure Data (MMC/SDIO), and CompactFlash.
NOTE
The i.MX27L does not support the ATA-6 HDD interface.
1.1
Features
The MX27/MX27L processors are targeted for video and voice over-IP (V2IP) and smart remote
controllers. It also provides low-power solutions for any high-performance and demanding multimedia
and graphics applications.
The systems include the following features:
Multi-standard video codec (i.MX27 only)
— MPEG-4 part-II simple profile encoding/decoding
— H.264/AVC baseline profile encoding/decoding
— H.263 P3 encoding/decoding
— Multi-party call: one stream encoding and two streams decoding simultaneously
— Multi-format: encodes MPEG-4 bitstream, and decodes H.264 bitstream simultaneously
— On-the-fly video processing that reduces system memory load (for example, the
power-efficient viewfinder application with no involvement of either the memory system or the
ARM CPU)
Advanced power management (i.MX27/27L)
— Dynamic process and temperature compensation
— Multiple clock and power domains
— Independent gating of power domains
Multiple communication and expansion ports
1.2
Block Diagram
Figure 1 shows the i.MX27 simplified interface block diagram.


Similar Part No. - MCIMX27LMOP4A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27LMOP4A FREESCALE-MCIMX27LMOP4A Datasheet
1Mb / 148P
   Multimedia Applications Processor
MCIMX27LMOP4A FREESCALE-MCIMX27LMOP4A Datasheet
2Mb / 148P
   Multimedia Applications Processor
MCIMX27LMOP4A FREESCALE-MCIMX27LMOP4A Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
logo
NXP Semiconductors
MCIMX27LMOP4A NXP-MCIMX27LMOP4A Datasheet
1Mb / 154P
   Multimedia Applications Processor
More results

Similar Description - MCIMX27LMOP4A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
I.MX27 FREESCALE-I.MX27 Datasheet
2Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com