Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM908E621ACDWBR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MM908E621ACDWBR2
Description  Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E621ACDWBR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MM908E621ACDWBR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MM908E621ACDWBR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E621ACDWBR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E621ACDWBR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E621ACDWBR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E621ACDWBR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E621ACDWBR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E621ACDWBR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E621ACDWBR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
908E621
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RATINGS
Operating Ambient Temperature(3)
TA
-40 to 85
°C
Operating Junction Temperature(4)
TJ
-40 to 125
°C
Storage Temperature
TSTG
-40 to 150
°C
Peak Package Reflow Temperature During Reflow(6), (7)
TPPRT
Note 7
°C
Notes
3.
The limiting factor is junction temperature; taking into account the power dissipation, thermal resistance, and heat sinking.
4.
The temperature of analog and MCU die is strongly linked via the package, but can differ in dynamic load conditions, usually because
of higher power dissipation on the analog die. The analog die temperature must not exceed 150°C under these conditions.
5.
Pin soldering temperature is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
6.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
7.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
Table 2. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding limits on any pin may cause permanent damage to
the device.
Rating
Symbol
Value
Unit


Similar Part No. - MM908E621ACDWBR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E621ACDWBR2 FREESCALE-MM908E621ACDWBR2 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
More results

Similar Description - MM908E621ACDWBR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com