Electronic Components Datasheet Search |
|
MMG3010NT1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc |
|
MMG3010NT1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc |
2 / 15 page 2 RF Device Data Freescale Semiconductor MMG3010NT1 Table 4. Electrical Characteristics (VCC = 5 Vdc, 900 MHz, TC = 25°C, 50 ohm system, in Freescale Application Circuit) Characteristic Symbol Min Typ Max Unit Small -Signal Gain (S21) Gp 14 15 — dB Input Return Loss (S11) IRL — -15 — dB Output Return Loss (S22) ORL — -25 — dB Power Output @ 1dB Compression P1dB — 17 — dBm Third Order Output Intercept Point IP3 — 31 — dBm Noise Figure NF — 4.5 — dB Supply Current (1) ICC 46 54 63 mA Supply Voltage (1) VCC — 5 — V 1. For reliable operation, the junction temperature should not exceed 150°C. |
Similar Part No. - MMG3010NT1 |
|
Similar Description - MMG3010NT1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |