Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3011NT1 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMG3011NT1
Description  Heterojunction Bipolar Transistor (InGaP HBT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3011NT1 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMG3011NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MMG3011NT1
9
RF Device Data
Freescale Semiconductor
50 OHM TYPICAL CHARACTERISTICS
Table 10. Common Emitter S-Parameters (VCC = 5 Vdc, ICC = 41 mA, TC = 25°C, 50 Ohm System) (continued)
f
S11
S21
S12
S22
f
MHz
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
2300
0.10125
90.343
4.87215
90.327
0.10777
-28.67
0.04452
-122.296
2350
0.10384
89.16
4.84064
88.561
0.10817
-29.394
0.04294
-129.541
2400
0.10702
88.397
4.80597
86.77
0.10841
-30.211
0.04205
-138.1
2450
0.11008
87.519
4.77373
85.006
0.10869
-30.924
0.04158
-146.363
2500
0.11241
86.11
4.73852
83.289
0.10879
-31.661
0.04157
-154.578
2550
0.11540
85.045
4.71080
81.53
0.10916
-32.408
0.04231
-162.984
2600
0.11824
83.877
4.67765
79.803
0.10931
-33.203
0.04340
-171.06
2650
0.12090
82.346
4.64616
78.061
0.10958
-33.929
0.04508
-178.591
2700
0.12340
81.156
4.61372
76.324
0.10994
-34.621
0.04725
174.366
2750
0.12606
79.687
4.58063
74.605
0.10994
-35.444
0.05010
167.162
2800
0.12922
78.399
4.55022
72.881
0.11034
-36.246
0.05315
160.781
2850
0.13144
77.016
4.51863
71.172
0.11063
-37.03
0.05620
154.624
2900
0.13428
75.734
4.49057
69.495
0.11089
-37.754
0.06004
149.451
2950
0.13713
74.325
4.45366
67.734
0.11109
-38.64
0.06342
144.065
3000
0.13914
72.892
4.42536
66.061
0.11140
-39.407
0.06743
138.972
3050
0.14320
71.422
4.39730
64.387
0.11161
-40.164
0.07181
134.77
3100
0.14613
70.248
4.36561
62.698
0.11191
-40.968
0.07596
130.079
3150
0.14898
69.069
4.33420
61.007
0.11211
-41.861
0.08043
125.992
3200
0.15264
67.768
4.30556
59.316
0.11252
-42.74
0.08543
122.138
3250
0.15656
66.632
4.27446
57.648
0.11258
-43.528
0.09047
117.963
3300
0.15948
65.655
4.24479
55.984
0.11281
-44.448
0.09540
114.29
3350
0.16325
64.574
4.21546
54.301
0.11317
-45.247
0.10082
110.967
3400
0.16694
63.679
4.18743
52.638
0.11329
-46.134
0.10661
107.412
3450
0.17113
62.876
4.15740
50.961
0.11352
-46.992
0.11195
104.192
3500
0.17493
62.049
4.12688
49.288
0.11374
-47.856
0.11808
101.204
3550
0.17906
61.193
4.09892
47.63
0.11391
-48.768
0.12404
98.182
3600
0.18310
60.522
4.06981
45.971
0.11410
-49.604
0.13009
95.337


Similar Part No. - MMG3011NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3011NT1 FREESCALE-MMG3011NT1 Datasheet
362Kb / 15P
   Heterojunction Bipolar Transistor
logo
NXP Semiconductors
MMG3011NT1 NXP-MMG3011NT1 Datasheet
416Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
logo
Freescale Semiconductor...
MMG3011NT1 FREESCALE-MMG3011NT1_12 Datasheet
362Kb / 15P
   Heterojunction Bipolar Transistor
More results

Similar Description - MMG3011NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1 Datasheet
224Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1 Datasheet
220Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3007NT1 NXP-MMG3007NT1 Datasheet
438Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
MMG3009NT1 NXP-MMG3009NT1 Datasheet
413Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
logo
Freescale Semiconductor...
MMG3007NT1 FREESCALE-MMG3007NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1_08 Datasheet
308Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3011NT1 NXP-MMG3011NT1 Datasheet
416Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
MMG3010NT1 NXP-MMG3010NT1 Datasheet
364Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 5, 3/2008
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3008NT1 FREESCALE-MMG3008NT1 Datasheet
222Kb / 12P
   Heterojunction Bipolar Transistor(InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com