Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

908E626 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 908E626
Description  Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E626 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  908E626_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc 908E626_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc 908E626_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc 908E626_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc 908E626_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc 908E626_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc 908E626_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E626_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E626_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
908E626
PIN CONNECTIONS
14, 21, 22,
28, 33, 35,
36, 37, 39
NC
No Connect
Not connected.
MCU
42
PTE1/RXD
Port E I/O
This pin is a special function, bidirectional I/O port pin that can is
shared with other functional modules in the MCU.
MCU
43
48
VREFL
VREFH
ADC References
These pins are the reference voltage pins for the analog-to-digital
converter (ADC).
MCU
44
47
VSSA
VDDA
ADC Supply Pins
These pins are the power supply pins for the analog-to-digital
converter.
MCU
45
46
EVSS
EVDD
MCU Power Supply
Pins
These pins are the ground and power supply pins, respectively. The
MCU operates from a single power supply.
MCU
49
50
52
53
54
PTA4/KBD4
PTA3/KBD3
PTA2/KBD2
PTA1/KBD1
PTA0/KBD0
Port A I/Os
These pins are special function, bidirectional I/O port pins that are
shared with other functional modules in the MCU.
MCU
51
FLSVPP
Test Pin
For test purposes only. Do not connect in the application.
Analog
15
FGEN
Current Limitation
Frequency Input
This is the input pin for the half-bridge current limitation PWM
frequency.
Analog
16
BEMF
Back Electromagnetic
Force Output
This pin gives the user information about back electromagnetic force
(BEMF).
Analog
17
RST_A
Internal Reset
This pin is the bidirectional reset pin of the analog die.
Analog
18
IRQ_A
Internal Interrupt
Output
This pin is the interrupt output pin of the analog die indicating errors
or wake-up events.
Analog
19
SS
Slave Select
This pin is the SPI slave select pin for the analog chip.
Analog
20
LIN
LIN Bus
This pin represents the single-wire bus transmitter and receiver.
Analog
23
26
29
32
HB1
HB2
HB3
HB4
Half-bridge Outputs
This device includes power MOSFETs configured as four half-bridge
driver outputs. These outputs may be configured for step motor
drivers, DC motor drivers, or as high side and low side switches.
Analog
24
27
31
VSUP1
VSUP2
VSUP3
Power Supply Pins
These pins are device power supply pins.
Analog
25
30
GND1
GND2
Power Ground Pins
These pins are device power ground connections.
Analog
34
HVDD
Switchable VDD
Output
This pin is a switchable VDD output for driving resistive loads
requiring a regulated 5.0V supply; e.g., 3 pin Hall-effect sensors.
Analog
38
VDD
Voltage Regulator
Output
The +5.0V voltage regulator output pin is intended to supply the
embedded microcontroller.
Analog
40
VSS
Voltage Regulator
Ground
Ground pin for the connection of all non-power ground connections
(microcontroller and sensors).
Analog
41
RXD
LIN Transceiver
Output
This pin is the output of LIN transceiver.
EP
Exposed Pad
Exposed Pad
The exposed pad pin on the bottom side of the package conducts
heat from the chip to the PCB board.
Table 1. 908E626 PIN DEFINITIONS
A functional description of each pin can be found in the Functional Pin Description section beginning on page 14.
Die
Pin
Pin Name
Formal Name
Definition


Similar Part No. - 908E626_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
More results

Similar Description - 908E626_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_10 Datasheet
913Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Motorola, Inc
MM908E625 MOTOROLA-MM908E625 Datasheet
595Kb / 40P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E624 FREESCALE-908E624 Datasheet
576Kb / 40P
   Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com