Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXV12GW7U Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPXV12GW7U
Description  10 kPa Uncompensated Silicon Pressure Sensors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV12GW7U Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPXV12GW7U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV12GW7U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV12GW7U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV12GW7U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV12GW7U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV12GW7U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV12GW7U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV12GW7U Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXV12GW7U Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MPX12
Sensors
6
Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
CASE 1735-01
ISSUE A
SMALL OUTLINE PACKAGE


Similar Part No. - MPXV12GW7U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPXV12GW7U NXP-MPXV12GW7U Datasheet
449Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
More results

Similar Description - MPXV12GW7U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
   10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
   10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
   10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX10 NXP-MPX10 Datasheet
170Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
MPX12 NXP-MPX12 Datasheet
449Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
   50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
   50 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com