Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S9125NR1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF6S9125NR1
Description  RF Power Field Effect Transistors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S9125NR1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF6S9125NR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6S9125NR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6S9125NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S9125NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S9125NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S9125NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S9125NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S9125NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S9125NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
RF Device Data
Freescale Semiconductor
MRF6S9125NR1 MRF6S9125NBR1
Figure 1. MRF6S9125NR1(NBR1) Test Circuit Schematic
Z10
0.057″ x 0.620″ Microstrip
Z11
0.119″ x 0.620″ Microstrip
Z12
0.450″ x 0.220″ Microstrip
Z13
0.061″ x 0.220″ Microstrip
Z14
0.078″ x 0.220″ Microstrip
Z15
0.692″ x 0.080″ Microstrip
Z16
0.368″ x 0.080″ Microstrip
PCB
Arlon CuClad 250GX-0300-55-22, 0.030″, εr = 2.55
Z1, Z17
0.200″ x 0.080″ Microstrip
Z2
1.060″ x 0.080″ Microstrip
Z3
0.382″ x 0.220″ Microstrip
Z4
0.108″ x 0.220″ Microstrip
Z5
0.200″ x 0.420″ x 0.620″ Taper
Z6
0.028″ x 0.620″ Microstrip
Z7
0.236″ x 0.620″ Microstrip
Z8
0.050″ x 0.620″ Microstrip
Z9
0.238″ x 0.620″ Microstrip
R2
VBIAS
VSUPPLY
RF
OUTPUT
RF
INPUT
DUT
C3
L1
Z1
C2
Z2
Z3
C1
Z4
Z5
Z6
Z7
C4
Z8
Z9
R1
L2
C10
C6
C11
C18
C20
C21
C22
C9
Z10
Z11
Z12
Z14
Z15
+
+
+
+
C8
+
C7
+
C5
C12
C13
Z13
C14
C15
C16
Z16
C17
Z17
C23
C19
Table 6. MRF6S9125NR1(NBR1) Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
20 pF Chip Capacitor
ATC100B200FT500XT
ATC
C2
6.2 pF Chip Capacitor
ATC100B6R2BT500XT
ATC
C3, C15
0.8-8.0 pF Variable Capacitors, Gigatrim
27291SL
Johanson
C4, C5
11 pF Chip Capacitors
ATC100B110FT500XT
ATC
C6, C18, C19
0.56 μF, 50 V Chip Capacitors
C1825C564J5RAC
Kemet
C7, C8
47 μF, 16 V Tantalum Capacitors
T491D476K016AT
Kemet
C9, C23
47 pF Chip Capacitors
ATC700B470FT500XT
ATC
C10
100 μF, 50 V Electrolytic Capacitor
MCHT101M1HB-1017-RF
Multicomp
C11, C12
12 pF Chip Capacitors
ATC100B120FT500XT
ATC
C13, C14
5.1 pF Chip Capacitors
ATC100B5R1BT500XT
ATC
C16
0.3 pF Chip Capacitor
ATC700B0R3BT500XT
ATC
C17
39 pF Chip Capacitor
ATC700B390FT500XT
ATC
C20, C21
22 μF, 35 V Tantalum Capacitors
T491X226K035AT
Kemet
C22
470 μF, 63 V Electrolytic Capacitor
ESME630ELL471MK25S
United Chemi-Con
L1
7.15 nH Inductor
1606-7J
CoilCraft
L2
8.0 nH Inductor
A03T
CoilCraft
R1
15 Ω, 1/3 W Chip Resistor
CRCW121015R0FKEA
Vishay
R2
560 kΩ, 1/4 W Chip Resistor
CRCW12065603FKEA
Vishay


Similar Part No. - MRF6S9125NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S9125NR1 FREESCALE-MRF6S9125NR1 Datasheet
492Kb / 16P
   RF Power Field Effect Transistors
MRF6S9125NR1 FREESCALE-MRF6S9125NR1 Datasheet
853Kb / 20P
   RF Power Field Effect Transistors
MRF6S9125NR1 FREESCALE-MRF6S9125NR1_06 Datasheet
853Kb / 20P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6S9125NR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com