Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S9125N Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF6S9125N
Description  RF Power Field Effect Transistors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S9125N Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF6S9125N Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6S9125N Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6S9125N Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S9125N Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S9125N Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S9125N Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S9125N Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S9125N Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S9125N Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MRF6S9125NR1 MRF6S9125NBR1
3
RF Device Data
Freescale Semiconductor
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Typical GSM EDGE Performances (In Freescale GSM EDGE Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 700 mA,
Pout = 60 W Avg., 921-960 MHz, EDGE Modulation
Power Gain
Gps
20
dB
Drain Efficiency
ηD
40
%
Error Vector Magnitude
EVM
1.8
% rms
Spectral Regrowth at 400 kHz Offset
SR1
-63
dBc
Spectral Regrowth at 600 kHz Offset
SR2
-78
dBc
Typical CW Performances (In Freescale GSM Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 700 mA, Pout = 125 W,
921-960 MHz
Power Gain
Gps
19
dB
Drain Efficiency
ηD
62
%
Input Return Loss
IRL
-12
dB
Pout @ 1 dB Compression Point, CW
(f = 880 MHz)
P1dB
125
W


Similar Part No. - MRF6S9125N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S9125NBR1 FREESCALE-MRF6S9125NBR1 Datasheet
492Kb / 16P
   RF Power Field Effect Transistors
MRF6S9125NBR1 FREESCALE-MRF6S9125NBR1 Datasheet
853Kb / 20P
   RF Power Field Effect Transistors
MRF6S9125NR1 FREESCALE-MRF6S9125NR1 Datasheet
492Kb / 16P
   RF Power Field Effect Transistors
MRF6S9125NR1 FREESCALE-MRF6S9125NR1 Datasheet
853Kb / 20P
   RF Power Field Effect Transistors
MRF6S9125NR1 FREESCALE-MRF6S9125NR1_06 Datasheet
853Kb / 20P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6S9125N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com