Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6V2300NR1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF6V2300NR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6V2300NR1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF6V2300NR1_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6V2300NR1_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6V2300NR1_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6V2300NR1_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6V2300NR1_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6V2300NR1_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6V2300NR1_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6V2300NR1_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6V2300NR1_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MRF6V2300NR1 MRF6V2300NBR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
50
1
1000
020
10
VDS, DRAIN−SOURCE VOLTAGE (VOLTS)
Figure 4. Capacitance versus Drain-Source Voltage
30
Ciss
1
100
1
TC = 25°C
10
10
VDS, DRAIN−SOURCE VOLTAGE (VOLTS)
Figure 5. DC Safe Operating Area
40
0
10
0
DRAIN VOLTAGE (VOLTS)
9
8
7
6
20
120
Figure 6. DC Drain Current versus Drain Voltage
60
600
22
28
IDQ = 1350 mA
10
26
25
24
Pout, OUTPUT POWER (WATTS) CW
Figure 7. CW Power Gain versus Output Power
VDD = 50 Vdc
f1 = 220 MHz
100
10
40
100
27
5
VGS = 3 V
Coss
Crss
80
100
4
3
2
1
2.75 V
2.63 V
2.5 V
2.25 V
23
100
1125 mA
900 mA
650 mA
450 mA
100
−55
−15
1
Pout, OUTPUT POWER (WATTS) PEP
−25
−30
−35
−40
10
600
Figure 8. Third Order Intermodulation Distortion
versus Output Power
VDD = 50 Vdc, f1 = 220 MHz, f2 = 220.1 MHz
Two−Tone Measurements, 100 kHz Tone Spacing
−45
−50
−20
IDQ = 450 mA
1350 mA
900 mA
650 mA
1125 mA
34
50
60
24
28
26
58
56
54
52
Pin, INPUT POWER (dBm)
Figure 9. CW Output Power versus Input Power
30
32
P3dB = 55.76 dBm (377 W)
Actual
Ideal
P1dB = 55.04 dBm (319 W)
VDD = 50 Vdc, IDQ = 900 mA
f = 220 MHz
Measured with
±30 mV(rms)ac @ 1 MHz
VGS = 0 Vdc


Similar Part No. - MRF6V2300NR1_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
687Kb / 19P
   RF Power Field Effect Transistors
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
1Mb / 19P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF6V2300NR1_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com