Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1511N Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF1511N
Description  RF Power Field Effect Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1511N Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF1511N Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF1511N Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF1511N Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF1511N Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF1511N Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF1511N Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF1511N Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF1511N Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF1511N Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MRF1511NT1
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistor
N-Channel Enhancement-Mode Lateral MOSFET
Designed for broadband commercial and industrial applications at frequen-
cies to 175 MHz. The high gain and broadband performance of this device
makes it ideal for large-signal, common source amplifier applications in 7.5 volt
portable FM equipment.
• Specified Performance @ 175 MHz, 7.5 Volts
Output Power — 8 Watts
Power Gain — 13 dB
Efficiency — 70%
• Capable of Handling 20:1 VSWR, @ 9.5 Vdc,
175 MHz, 2 dB Overdrive
Features
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal
Impedance Parameters
• N Suffix Indicates Lead-Free Terminations. RoHS Compliant.
• In Tape and Reel. T1 Suffix = 1,000 Units per 12 mm,
7 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +40
Vdc
Gate-Source Voltage
VGS
±20
Vdc
Drain Current — Continuous
ID
4
Adc
Total Device Dissipation @ TC = 25°C (1)
Derate above 25°C
PD
62.5
0.5
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Operating Junction Temperature
TJ
150
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
RθJC
2
°C/W
Table 3. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
1
260
°C
1. Calculated based on the formula PD =
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Document Number: MRF1511N
Rev. 7, 6/2008
Freescale Semiconductor
Technical Data
MRF1511NT1
175 MHz, 8 W, 7.5 V
LATERAL N-CHANNEL
BROADBAND
RF POWER MOSFET
CASE 466-03, STYLE 1
PLD-1.5
PLASTIC
G
D
S
TJ– TC
RθJC
© Freescale Semiconductor, Inc., 2008. All rights reserved.


Similar Part No. - MRF1511N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1511N FREESCALE-MRF1511N Datasheet
472Kb / 14P
   RF Power Field Effect Transistor
MRF1511NT1 FREESCALE-MRF1511NT1 Datasheet
229Kb / 12P
   RF Power Field Effect Transistor
MRF1511NT1 FREESCALE-MRF1511NT1 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor
MRF1511NT1 FREESCALE-MRF1511NT1 Datasheet
472Kb / 14P
   RF Power Field Effect Transistor
MRF1511NT1 FREESCALE-MRF1511NT1_06 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor
More results

Similar Description - MRF1511N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com