Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1517NT1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF1517NT1
Description  RF Power Field Effect Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1517NT1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF1517NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MRF1517NT1
3
RF Device Data
Freescale Semiconductor
Figure 1. 480 - 520 MHz Broadband Test Circuit
VDD
C7
R3
C8
C6
R2
RF
INPUT
RF
OUTPUT
Z2
Z3
Z6
C1
C3
C14
DUT
Z7
Z9
Z10
Z4
Z5
L1
Z8
N2
C18
B2
N1
+
C13
C4
C12
B1, B2
Short Ferrite Beads, Fair Rite Products
(2743021446)
C1
300 pF, 100 mil Chip Capacitor
C2, C3, C4, C10,
C12, C13
0 to 20 pF, Trimmer Capacitors
C5, C11
43 pF, 100 mil Chip Capacitors
C6, C18
120 pF, 100 mil Chip Capacitors
C7, C15
10 μF, 50 V Electrolytic Capacitors
C8, C16
0.1 μF, 100 mil Chip Capacitors
C9, C17
1,000 pF, 100 mil Chip Capacitors
C14
330 pF, 100 mil Chip Capacitor
L1
55.5 nH, 5 Turn, Coilcraft
N1, N2
Type N Flange Mounts
R1
15 Ω, 0805 Chip Resistor
R2
1.0 kΩ, 1/8 W Resistor
R3
33 kΩ, 1/2 W Resistor
Z1
0.315″ x 0.080″ Microstrip
Z2
1.415″ x 0.080″ Microstrip
Z3
0.322″ x 0.080″ Microstrip
Z4
0.022″ x 0.080″ Microstrip
Z5, Z6
0.260″ x 0.223″ Microstrip
Z7
0.050″ x 0.080″ Microstrip
Z8
0.625″ x 0.080″ Microstrip
Z9
0.800″ x 0.080″ Microstrip
Z10
0.589″ x 0.080″ Microstrip
Board
Glass Teflon®, 31 mils, 2 oz. Copper
Z1
C2
VGG
C15
+
C9
B1
R1
C16
C17
C5
C11
C10
TYPICAL CHARACTERISTICS, 480 - 520 MHz
Pout, OUTPUT POWER (WATTS)
−5
−15
−25
−10
2
0
10
1
Figure 2. Output Power versus Input Power
Pin, INPUT POWER (WATTS)
2
Figure 3. Input Return Loss versus
Output Power
0
6
0.8
0.2
4
0.6
1.0
0.4
0
3
10
8
520 MHz
500 MHz
480 MHz
5
46
8
79
−20
520 MHz
500 MHz
480 MHz
VDD = 7.5 Vdc
VDD = 7.5 Vdc


Similar Part No. - MRF1517NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results

Similar Description - MRF1517NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com