Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1517NT1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF1517NT1
Description  RF Power Field Effect Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1517NT1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF1517NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF1517NT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MRF1517NT1
TYPICAL CHARACTERISTICS, 440 - 480 MHz
2
Pout, OUTPUT POWER (WATTS)
50
0
70
14
30
60
40
35
Figure 22. Gain versus Output Power
Pout, OUTPUT POWER (WATTS)
7
5
13
Figure 23. Drain Efficiency versus Output Power
2
1
Figure 24. Output Power versus Biasing Current
12
IDQ, BIASING CURRENT (mA)
0
Figure 25. Drain Efficiency versus Biasing Current
80
IDQ, BIASING CURRENT (mA)
Figure 26. Output Power versus Supply Voltage
5
VDD, SUPPLY VOLTAGE (VOLTS)
0
Figure 27. Drain Efficiency versus Supply Voltage
VDD, SUPPLY VOLTAGE (VOLTS)
9
8
5
0
40
60
30
400
0
8
12
600
1000
80
2
4
6
9
17
200
50
4
11
200
1000
400
600
69
10
7
67
8
10
35
70
60
2
50
70
30
20
10
68
79
10
15
68
79
10
11
800
8
10
800
6
10
480 MHz
440 MHz
460 MHz
480 MHz
440 MHz
460 MHz
480 MHz
440 MHz
460 MHz
480 MHz
440 MHz
460 MHz
480 MHz
440 MHz
460 MHz
480 MHz
440 MHz
460 MHz
40
4
Pin = 27.5 dBm
VDD = 7.5 Vdc
VDD = 7.5 Vdc
Pin = 27.5 dBm
Pin = 27.5 dBm
Pin = 27.5 dBm


Similar Part No. - MRF1517NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results

Similar Description - MRF1517NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com