Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1570NT1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF1570NT1
Description  RF Power Field Effect Transistors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1570NT1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF1570NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MRF1570NT1 MRF1570FNT1
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for broadband commercial and industrial applications with frequen-
cies up to 470 MHz. The high gain and broadband performance of these
devices make them ideal for large-signal, common source amplifier applica-
tions in 12.5 volt mobile FM equipment.
• Specified Performance @ 470 MHz, 12.5 Volts
Output Power — 70 Watts
Power Gain — 11.5 dB
Efficiency — 60%
• Capable of Handling 20:1 VSWR, @ 15.6 Vdc, 470 MHz, 2 dB Overdrive
Features
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Broadband -Full Power Across the Band: 135-175 MHz
400-470 MHz
• Broadband Demonstration Amplifier Information Available Upon Request
• 200_C Capable Plastic Package
• N Suffix Indicates Lead-Free Terminations. RoHS Compliant.
• In Tape and Reel. T1 Suffix = 500 Units per 44 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
+0.5, +40
Vdc
Gate-Source Voltage
VGS
± 20
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
165
0.5
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1)
Unit
Thermal Resistance, Junction to Case
RθJC
0.29
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M2 (Minimum)
Charge Device Model
C2 (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
1
260
°C
1. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
Document Number: MRF1570N
Rev. 9, 6/2008
Freescale Semiconductor
Technical Data
470 MHz, 70 W, 12.5 V
LATERAL N-CHANNEL
BROADBAND
RF POWER MOSFETs
CASE 1366-05, STYLE 1
TO-272-8 WRAP
PLASTIC
MRF1570NT1
MRF1570NT1
MRF1570FNT1
CASE 1366A-03, STYLE 1
TO-272-8
PLASTIC
MRF1570FNT1
© Freescale Semiconductor, Inc., 2008. All rights reserved.


Similar Part No. - MRF1570NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1570NT1 FREESCALE-MRF1570NT1 Datasheet
429Kb / 18P
   RF Power Field Effect Transistors
More results

Similar Description - MRF1570NT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com