Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF18060B Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF18060B
Description  RF Power Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF18060B Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF18060B Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF18060B Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF18060B Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF18060B Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF18060B Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF18060B Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF18060B Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF18060B Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF18060B Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
Freescale Semiconductor
MRF18060BLR3 MRF18060BLSR3
TYPICAL CHARACTERISTICS (DATA TAKEN USING WIDEBAND DEMONSTRATION BOARD)
IRL
Pin = 6 W
Figure 5. Power Gain versus
Output Power
Pout, OUTPUT POWER (WATTS)
8
10
Figure 6. Output Power versus Supply Voltage
0
VDD, SUPPLY VOLTAGE (VOLTS)
100
10
40
18
1
Figure 7. Output Power versus Frequency
90
f, FREQUENCY (MHz)
0
Figure 8. Output Power and Efficiency
versus Input Power
Pin, INPUT POWER (WATTS)
20
1800
10
0
15
1
90
20
30
30
20
1900
60
100
30
22
50
40
10
30
0
2
50
70
1820
Figure 9. Wideband Gain and IRL
(at Small Signal)
15.0
f, FREQUENCY (MHz)
10.0
1700
10.5
12.0
12.5
2100
14.5
14.0
1900
1800
2000
10
9
13
16
14
500 mA
300 mA
100 mA
IDQ = 750 mA
26
1840
3
4
5
6
60
50
40
20
15
h
VDD = 26 Vdc
f = 1880 MHz
11
12
28
20
24
80
90
2.5 W
Pin = 5 W
VDD = 26 Vdc
IDQ = 500 mA
1 W
1860
1880
60
80
70
VDD = 26 Vdc
IDQ = 500 mA
1 W
0.5 W
3 W
50
40
60
70
80
25
30
Pout
VDD = 26 Vdc
IDQ = 500 mA
f = 1880 MHz
13.5
13.0
0
−10
−12
−18
−20
−16
−14
−2
−4
−6
−8
VDD = 26 Vdc
IDQ = 500 mA
Gps
35
45
55
11.0
11.5


Similar Part No. - MRF18060B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF18060B MOTOROLA-MRF18060B Datasheet
490Kb / 8P
   RF Power Field Effect Transistors
MRF18060BLSR3 MOTOROLA-MRF18060BLSR3 Datasheet
490Kb / 8P
   RF Power Field Effect Transistors
MRF18060BR3 MOTOROLA-MRF18060BR3 Datasheet
490Kb / 8P
   RF Power Field Effect Transistors
MRF18060BSR3 MOTOROLA-MRF18060BSR3 Datasheet
490Kb / 8P
   RF Power Field Effect Transistors
More results

Similar Description - MRF18060B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com