Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF18085BLSR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF18085BLSR3
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF18085BLSR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF18085BLSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF18085BLSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF18085BLSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF18085BLSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF18085BLSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF18085BLSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF18085BLSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF18085BLSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF18085BLSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
Freescale Semiconductor
MRF18085BLR3 MRF18085BLSR3
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M3 (Minimum)
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
(VGS = 0 Vdc, ID = 100 μAdc)
V(BR)DSS
65
Vdc
Zero Gate Voltage Drain Current
(VDS = 26 Vdc, VGS = 0 Vdc)
IDSS
10
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
1
μAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 200 μAdc)
VGS(th)
2
4
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 600 mAdc)
VGS(Q)
2.5
3.9
4.5
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 2 Adc)
VDS(on)
0.18
0.21
Vdc
Dynamic Characteristics
Reverse Transfer Capacitance (1)
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Crss
3.6
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system)
Common-Source Amplifier Power Gain @ 85 W
(VDD = 26 Vdc, IDQ = 800 mA, f = 1930 - 1990 MHz)
Gps
11.5
12.5
dB
Drain Efficiency @ 85 W
(VDD = 26 Vdc, IDQ = 800 mA, f = 1930 - 1990 MHz)
η
46
50
%
Input Return Loss @ 85 W
(VDD = 26 Vdc, IDQ = 800 mA, f = 1930 - 1990 MHz)
IRL
-12
-9
dB
P1 dB Output Power
(VDD = 26 Vdc, IDQ = 800 mA, f = 1930 - 1990 MHz)
P1dB
80
90
W
1. Part is internally matched both on input and output.


Similar Part No. - MRF18085BLSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF18085BLSR3 MOTOROLA-MRF18085BLSR3 Datasheet
610Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF18085BLSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com