Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF19030LR3 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF19030LR3
Description  RF Power Field Effect Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF19030LR3 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF19030LR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MRF19030LR3 MRF19030LSR3
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
Figure 3. Class AB Broadband Circuit Performance
f, FREQUENCY (MHz)
0
1940
Figure 4. CDMA ACPR, Power Gain and
Drain Efficiency versus Output Power
5
Pout, OUTPUT POWER (WATTS Avg.) CDMA
45
20
1920
2000
35
4
1900
−35
Figure 5. Intermodulation Distortion
versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
−55
Figure 6. Intermodulation Distortion Products
versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
Figure 7. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
100
1.0
1.0
13
15
VDD = 26 Vdc
IDQ = 300 mA, Pout = 30 W (PEP)
Two−Tone Measurement, 100 kHz Tone Spacing
50
−45
−35
−15
−30
10
20
10
12
1960
1980
810
100
10
1.0
11
2020
100
30
40
−10
−25
−20
η
IRL
IMD
10
30
40
3rd Order
5th Order
−25
−50
−40
−30
−80
−20
−50
−70
−60
−40
−30
14
Figure 8. Power Gain and
Intermodulation Distortion versus Supply Voltage
VDD, DRAIN VOLTAGE (VOLTS)
34
24
13
14
28
20
12.5
12
13.5
15
25
−100
−30
−50
−80
−90
−20
−40
−70
−60
12
885 kHz
2.25 MHz
1.25 MHz
VDD = 26 Vdc
IDQ = 350 mA, f = 1960 MHz, Channel Spacing
(Channel Bandwidth): 885 kHz (30 kHz),
1.25 MHz (12.5 kHz), 2.25 MHz (1 MHz)
CDMA 9 Channels Forward
PILOT:0, PAGING:1, TRAFFIC:8−13, SYNC:32
10
200 mA
300 mA
400 mA
VDD = 26 Vdc, f = 1960 MHz
Two−Tone Measurement,
100 kHz Tone Spacing
VDD = 26 Vdc, IDQ = 300 mA, f = 1960 MHz
Two−Tone Measurement,
100 kHz Tone Spacing
VDD = 26 Vdc, f = 1960 MHz
Two−Tone Measurement, 100 kHz Tone Spacing
−38
−24
−28
−34
−36
−22
−26
−32
−30
26
30
f = 1960 MHz
IDQ = 300 mA, Pout = 30 W (PEP)
Two−Tone Measurement, 100 kHz Tone Spacing
Gps
η
Gps
Gps
IMD
02
6
350 mA
300 mA
200 mA
300 mA
400 mA
350 mA
300 mA
22
32
7th Order


Similar Part No. - MRF19030LR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF19030LR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com