Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF19085 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF19085
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF19085 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF19085 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RF Device Data
Freescale Semiconductor
MRF19085LR3 MRF19085LSR3
Figure 1. 1930 - 1990 MHz 2-Carrier N-CDMA Test Circuit Schematic
RF
INPUT
RF
OUTPUT
Z1
Z2
VBIAS
C1
C6
L1
DUT
VSUPPLY
Z3
C8
Z8
Z7
C5
C7
Z5
Z6
R3
C4
Z4
+
C9
C3
C2
Z9
C10
C11
C12
++
+
B1
R1
R2
Table 5. 1930 - 1990 MHz 2-Carrier N-CDMA Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
Short Ferrite Bead
2743019447
Fair Rite
C1
51 pF Chip Capacitor
100B510JCA500X
ATC
C2, C7
5.1 pF Chip Capacitors
100B5R1JCA500X
ATC
C3, C9
1000 pF Chip Capacitors
100B102JCA500X
ATC
C4, C10
0.1 μF Chip Capacitors
CDR33BX104AKWS
Kemet
C5
0.1 μF Tantalum Surface Mount Capacitor
T491C105M050
Kemet
C6
10 pF Chip Capacitor
100B100JCA500X
ATC
C8
10 μF Tantalum Surface Mount Capacitor
T495X106K035AS4394
Kemet
C11, C12
22 μF Tantalum Surface Mount Capacitors
T491X226K035AS4394
Kemet
L1
1 Turn, 20 AWG, 0.100″ ID
N1, N2
Type N Flange Mounts
3052-1648-10
Omni Spectra
R1
1.0 kΩ, 1/8 W Chip Resistor
R2
220 kΩ, 1/8 W Chip Resistor
R3
10 Ω, 1/8 W Chip Resistor
Z1
Microstrip
0.750″ x 0.0840″
Z2
Microstrip
1.090″ x 0.0840″
Z3
Microstrip
0.400″ x 1.400″
Z4
Microstrip
0.520″ x 0.050″
Z5
Microstrip
0.540″ x 1.133″
Z6
Microstrip
0.400″ x 0.140″
Z7
Microstrip
0.555″ x 0.0840″
Z8
Microstrip
0.720″ x 0.0840″
Z9
Microstrip
0.560″ x 0.070″
Board
0.030″ Glass Teflon®
GX-0300-55-22, εr = 2.55
Keene
PCB
Etched Circuit Boards
MRF19085 Rev. 4
CMR


Similar Part No. - MRF19085

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19085 MOTOROLA-MRF19085 Datasheet
584Kb / 12P
   RF Power Field Effect Transistors
MRF19085LR3 MOTOROLA-MRF19085LR3 Datasheet
584Kb / 12P
   RF Power Field Effect Transistors
MRF19085LSR3 MOTOROLA-MRF19085LSR3 Datasheet
584Kb / 12P
   RF Power Field Effect Transistors
MRF19085R3 MOTOROLA-MRF19085R3 Datasheet
584Kb / 12P
   RF Power Field Effect Transistors
MRF19085SR3 MOTOROLA-MRF19085SR3 Datasheet
584Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF19085

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com