Electronic Components Datasheet Search |
|
M24C16RDS6TG Datasheet(PDF) 6 Page - STMicroelectronics |
|
M24C16RDS6TG Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 34 page Description M24C16, M24C08, M24C04, M24C02, M24C01 6/34 1 Description These I²C-compatible electrically erasable programmable memory (EEPROM) devices are organized as 2048/1024/512/256/128 x 8 (M24C16, M24C08, M24C04, M24C02 and M24C01). In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. ECOPACK® packages are Lead-free and RoHS compliant. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Figure 1. Logic diagram I²C uses a two-wire serial interface, comprising a bidirectional data line and a clock line. The devices carry a built-in 4-bit Device Type Identifier code (1010) in accordance with the I²C bus definition. The device behaves as a slave in the I²C protocol, with all memory operations synchronized by the serial clock. Read and Write operations are initiated by a Start condition, generated by the bus master. The Start condition is followed by a device select code and Read/Write bit (RW) (as described in Table 3), terminated by an acknowledge bit. When writing data to the memory, the device inserts an acknowledge bit during the 9th bit time, following the bus master’s 8-bit transmission. When data is read by the bus master, the bus master acknowledges the receipt of the data byte in the same way. Data transfers are terminated by a Stop condition after an Ack for Write, and after a NoAck for Read. Table 2. Signal names Signal name Function Direction E0, E1, E2 Chip Enable Input SDA Serial Data Input/output SCL Serial Clock Input WC Write Control Input VCC Supply voltage VSS Ground AI02033 3 E0-E2 SDA VCC M24Cxx WC SCL VSS |
Similar Part No. - M24C16RDS6TG |
|
Similar Description - M24C16RDS6TG |