Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S24140HR3 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF6S24140HR3
Description  RF Power Field Effect Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S24140HR3 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF6S24140HR3_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6S24140HR3_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6S24140HR3_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S24140HR3_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S24140HR3_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S24140HR3_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S24140HR3_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S24140HR3_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S24140HR3_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MRF6S24140HR3 MRF6S24140HSR3
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — 2450 MHz
500
1
0
50
Gps
Pout, OUTPUT POWER (WATTS) CW
Figure 3. Power Gain and Drain Efficiency
versus CW Output Power as a Function of VDD
IDQ = 1200 mA
f = 2450 MHz
VDD = 28 V
100
10
40
30
20
10
11
16
15
14
13
12
ηD
32 V
30 V
32 V
30 V
28 V
1
0
60
Gps
Pout, OUTPUT POWER (WATTS) CW
Figure 4. Power Gain and Drain Efficiency
versus CW Output Power
VDD = 28 V
IDQ = 1200 mA
f = 2450 MHz
100
40
30
20
11.5
14.5
14
13
12
ηD
13.5
12.5
50
10
10
Gps
Pout, OUTPUT POWER (WATTS) CW
Figure 5. Power Gain and Drain Efficiency versus
CW Output Power as a Function of Total IDQ
VDD = 28 V
f = 2450 MHz
1400 mA
10
15
13
12
11
1
100
10
14
1000 mA
1300 mA
1200 mA
1100 mA
250
107
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. MTTF versus Junction Temperature
This above graph displays calculated MTTF in hours when the device
is operated at VDD = 28 Vdc, Pout = 140 W CW, and ηD = 45%.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
106
105
104
110
130
150
170
190
210
230
300


Similar Part No. - MRF6S24140HR3_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S24140HR3 FREESCALE-MRF6S24140HR3 Datasheet
464Kb / 9P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S24140HR3 FREESCALE-MRF6S24140HR3 Datasheet
396Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6S24140HR3_08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com