Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF284 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF284
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF284 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF284 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
Freescale Semiconductor
MRF284LR1 MRF284LSR1
Table 5. 2000 MHz Class A Test Circuit Component Designations and Values
Designators
Description
B1 - B5
Ferrite Beads, Round, Ferroxcube # 56-590-65-3B
C1, C9, C16
100 μF, 50 V Electrolytic Capacitors, Mallory #SME50VB101M12X25L
C2, C13
51 pF Chip Capacitors, ATC #100B510JCA500x
C3, C14
10 pF Chip Capacitors, ATC #100B100JCA500X
C4, C11
12 pF Chip Capacitors, ATC #100B120JCA500X
C5
0.8 - 8.0 pF Variable Capacitor, Johansen Gigatrim #27291SL
C6
4.7 pF Chip Capacitor, ATC #100B4R7CCA500X
C7, C15
91 pF Chip Capacitors, ATC #100B910KP500X
C8
1000 pF Chip Capacitor, ATC #100B102JCA50X
C10
0.1 μF Chip Capacitor, Kemet #CDR33BX104AKWS
C12, C17
0.6 - 4.5 pF Variable Capacitors, Johansen Gigatrim #27271SL
L1
4 Turns, #27 AWG, 0.087″ OD, 0.050″ ID, 0.069″ Long, 10 nH
L2
5 Turns, #24 AWG, 0.083″ OD, 0.040″ ID, 0.128″ Long, 12.5 nH
L3, L4
9 Turns, #26 AWG, 0.080″ OD, 0.046″ ID, 0.170″ Long, 30.8 nH
P1
1000 Ω Potentiometer, 1/2 W, 10 Turns, Bourns
Q1
Transistor, NPN, #MJD31, Case 369A-10
Q2
Transistor, PNP, #MJD32, Case 369A-10
R1
360 Ω, Fixed Film Chip Resistor, 0.08″ x 0.13″, Garrett Instruments #RM73B2B361JT
R2
2 x 12 kΩ, Fixed Film Chip Resistor, 0.08″ x 0.13″, Garrett Instruments #RM73B2B122JT
R3
1 Ω, Wirewound, 5 W, 3% Resistor, Dale # RE60G1R00
R4
4 x 6.8 kΩ, Fixed Film Chip Resistor, 0.08″ x 0.13″, Garrett Instruments #RM73B2B682JT
R5
2 x 1500 Ω, Fixed Film Chip Resistor, 0.08″ x 0.13″, Garrett Instruments #RM73B2B152JT
R6
270 Ω, Fixed Film Chip Resistor, 0.08″ x 0.13″, Garrett Instruments #RM73B2B271JT
R7 - R11
12 Ω, Fixed Film Chip Resistors, 0.08″ x 0.13″, Garrett Instruments #RM73B2B120JT


Similar Part No. - MRF284

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF284 MOTOROLA-MRF284 Datasheet
134Kb / 12P
   RF Power Field-Effect Transistors
logo
New Jersey Semi-Conduct...
MRF284 NJSEMI-MRF284 Datasheet
109Kb / 2P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF284S MOTOROLA-MRF284S Datasheet
134Kb / 12P
   RF Power Field-Effect Transistors
logo
New Jersey Semi-Conduct...
MRF284S NJSEMI-MRF284S Datasheet
109Kb / 2P
   RF Power Field Effect Transistors
More results

Similar Description - MRF284

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com