Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF21090SR3 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF21090SR3
Description  RF Power Field Effect Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21090SR3 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF21090SR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21090SR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21090SR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21090SR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21090SR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21090SR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21090SR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21090SR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MRF21090R3 MRF21090SR3
3
RF Device Data
Freescale Semiconductor
Figure 1. MRF21090R3(SR3) Test Circuit Schematic
B1
Ferrite Bead, Fair Rite #2743019447
C1, C13
470 μF, 50 V Electrolytic Capacitors
C2, C10
22 μF, 35 V Tantalum Surface Mount Chip
Capacitors, Kemet
C3, C9
20 nF Chip Capacitors, ATC #100B203MCA500X
C4, C8
5.1 pF Chip Capacitors, ATC #100B5R1CCA500X
C5, C12
0.4 - 2.5 pF Variable Capacitors, Johanson Gigatrim
C6
10 pF Chip Capacitor, ATC #100B100JCA500X
C7
1 mF, 35 V Tantalum Surface Mount Chip Capacitor,
Kemet
C11
1 nF Chip Capacitor, ATC #100B102JCA500X
C14
8.2 pF Chip Capacitor, ATC #100B8R2CCA500X
R1
13 Ω, 1/4 W Chip Resistor,
Garret Instrument #RM73B2B130JT,
R2
12 Ω, 1/4 W Chip Resistor,
Garret Instrument #RM73B2B120JT
Z1
30.7 x 2.09 mm Microstrip
Z2
5.99 x 2.09 mm Microstrip
Z3
7.55 x 9.89 mm Microstrip
Z4
3.77 x 15.71 mm Microstrip
Z5
6.89 x 26.17 mm Microstrip
Z6
14.93 x 32.05 mm Microstrip
V
V
RF INPUT
RF OUTPUT
R1
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
Z10
Z11
C7
C8
C9
C10
C11
C12
C14
C13
C6
R2
B1
DUT
C5
C1
C2
C3
C4
GG
DD
Z7
10.23 x 2.09 mm Microstrip
Z8
6.03 x 2.09 mm Microstrip
Z9
23.98 x 2.09 mm Microstrip
Z10
29.82 x 1.15 mm Microstrip
Z11
17.08 x 1.15 mm Microstrip
WS1, WS2
Beryllium Copper Wear Blocks 5 mils Thick
Brass Banana Jack and Nut
Red Banana Jack and Nut
Green Banana Jack and Nut
Type N Jack Connectors, 3052-1648-10,
Omni Specra
4-40 Head Screws 0.125″ Long
4-40 Head Screws 0.188″ Long
4-40 Head Screws 0.312″ Long
4-40 Head Screws 0.438″ Long
Endplates Brass Endplates for Copper Bedstead
Bedstead
Copper Bedstead/Heatsink
Insert
Copper Bedstead Insert
Raw PCB
0.030″ Glass Teflon®, 2 oz Copper Clad
3″ x 5″ Arion
RF Circuit
3″ x 5″ Copper Clad PCB Teflon®,
MRF21090, CMR
+
+
+
++
Figure 2. MRF21090R3(SR3) Test Circuit Component Layout
C
U
T
O
U
T
Drain
Feed
C1
C2
C3 C4
C6
C5
C7 C8
C9
C10
C11
C12
C14
B1
R2
R1
C13
Bias
Gate
Feed
Bias
MRF21090
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale
Semiconductor signature/logo. PCBs may have either Motorola or Freescale markings during the
transition period. These changes will have no impact on form, fit or function of the current product.


Similar Part No. - MRF21090SR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF21090SR3 MOTOROLA-MRF21090SR3 Datasheet
556Kb / 8P
   RF Power Field Effect Transistors
More results

Similar Description - MRF21090SR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com