Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF21090 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF21090
Description  RF Power Field Effect Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21090 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF21090 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21090 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21090 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21090 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21090 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21090 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21090 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21090 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MRF21090R3 MRF21090SR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for W-CDMA base station applications with frequencies from 2110
to 2170 MHz. Suitable for FM, TDMA, CDMA and multicarrier amplifier
applications.
• Typical W-CDMA Performance for 2140 MHz, 28 Volts
4.096 MHz BW @ 5 MHz offset, 1 PERCH 15 DTCH:
Output Power — 11.5 Watts
Efficiency — 16%
Gain — 12.2 dB
ACPR — -45 dBc
• Capable of Handling 10:1 VSWR, @ 28 Vdc, 2140 MHz, 90 Watts CW
Output Power
Features
• Internally Matched for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
270
1.54
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
0.65
°C/W
Document Number: MRF21090
Rev. 8, 5/2006
Freescale Semiconductor
Technical Data
MRF21090R3
MRF21090SR3
2110-2170 MHz, 90 W, 28 V
LATERAL N-CHANNEL
RF POWER MOSFETs
CASE 465C-02, STYLE 1
NI-880S
MRF21090SR3
CASE 465B-03, STYLE 1
NI-880
MRF21090R3
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MRF21090

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF21090 MOTOROLA-MRF21090 Datasheet
556Kb / 8P
   RF Power Field Effect Transistors
MRF21090R3 MOTOROLA-MRF21090R3 Datasheet
556Kb / 8P
   RF Power Field Effect Transistors
MRF21090SR3 MOTOROLA-MRF21090SR3 Datasheet
556Kb / 8P
   RF Power Field Effect Transistors
More results

Similar Description - MRF21090

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com