Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S9045NR1 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF6S9045NR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S9045NR1 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF6S9045NR1_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S9045NR1_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S9045NR1_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S9045NR1_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S9045NR1_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S9045NR1_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S9045NR1_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S9045NR1_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6S9045NR1_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MRF6S9045NR1 MRF6S9045NBR1
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
Figure 7. Intermodulation Distortion Products
versus Output Power
10
−80
−10
7th Order
Pout, OUTPUT POWER (WATTS) PEP
5th Order
3rd Order
−20
−30
−40
1
100
−50
−60
−70
VDD = 28 Vdc, IDQ = 350 mA, f1 = 880 MHz
f2 = 880.1 MHz, Two−Tone Measurements
Figure 8. Intermodulation Distortion Products
versus Tone Spacing
10
−70
0
0.05
7th Order
TWO−TONE SPACING (MHz)
5th Order
−10
−20
−30
−40
−50
−60
1
100
0.1
3rd Order
VDD = 28 Vdc, Pout = 45 W (PEP), IDQ = 350 mA
f1 = 880 MHz, f2 = 880.1 MHz, Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 880 MHz
Figure 9. Pulsed CW Output Power versus
Input Power
33
54
P3dB = 48.6 dBm (72.44 W)
Pin, INPUT POWER (dBm)
VDD = 28 Vdc, IDQ = 350 mA
Pulsed CW, 8
μsec(on), 1 msec(off)
Center Frequency = 880 MHz
52
50
48
44
24
26
25
28
27
31
29
Actual
Ideal
P1dB = 48.2 dBm (66.07 W)
53
49
51
47
30
32
23
46
45
Figure 10. Single-Carrier N-CDMA ACPR, ALT1, Power
Gain and Drain Efficiency versus Output Power
0
−85
Pout, OUTPUT POWER (WATTS) AVG.
60
−25
50
−35
40
−45
30
−55
10
−75
110
−65
20
ALT1
ηD
Gps TC = 25_C
85
_C
ACPR
VDD = 28 Vdc, IDQ = 350 mA
f = 880 MHz, N−CDMA IS−95 Pilot
Sync, Paging, Traffic Codes 8
Through 13
−30
_C
25
_C
25
_C
−30
_C
25
_C
85
_C
50


Similar Part No. - MRF6S9045NR1_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S9045NR1 FREESCALE-MRF6S9045NR1 Datasheet
530Kb / 16P
   RF Power Field Effect Transistors
MRF6S9045NR1 FREESCALE-MRF6S9045NR1 Datasheet
628Kb / 16P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6S9045NR1_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com