Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9045LR1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF9045LR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9045LR1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF9045LR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9045LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9045LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9045LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9045LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9045LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9045LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9045LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9045LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
RF Device Data
Freescale Semiconductor
MRF9045LR1 MRF9045LSR1
Figure 1. 930 - 960 MHz Broadband Test Circuit Schematic
Z4
0.360″ x 0.320″ Microstrip
Z5
0.240″ x 0.320″ x 0.620″, Taper
Z6
0.140″ x 0.620″ Microstrip
Z7
0.510″ x 0.620″ Microstrip
Z8
0.330″ x 0.320″ Microstrip
Z9
0.140″ x 0.320″ Microstrip
Z10
0.070″ x 0.080″ Microstrip
Z11
0.240″ x 0.080″ Microstrip
Z12
0.140″ x 0.080″ Microstrip
Z13
0.930″ x 0.080″ Microstrip
Z14
0.180″ x 0.080″ Microstrip
Z15
0.350″ x 0.080″ Microstrip
PCB
Arlon GX-0300-55-22, 0.03″, εr = 2.55
B1
Short Ferrite Bead Surface Mount
B2
Long Ferrite Bead Surface Mount
C1, C7, C13, C14
47 pF Chip Capacitors
C2, C3, C11
0.8-8.0 pF Gigatrim Variable Trim Capacitors
C4, C5, C8, C9
10 pF Chip Capacitors
C6, C15, C16
10 μF, 35 V Tantalum Surface Mount Chip Capacitors
C10
2.2 pF Chip Capacitor
C12
0.7 pF Chip Capacitor - MRF9045LS
1.3 pF Chip Capacitor - MRF9045
C17
220 μF, 50 V Electrolytic Capacitor
L1, L2
12.5 nH Surface Mount Inductors, Coilcraft
Z1
0.260″ x 0.080″ Microstrip
Z2
0.610″ x 0.120″ Microstrip
Z3
0.260″ x 0.320″ Microstrip
B1
C1
RF
INPUT
RF
OUTPUT
VGG
VDD
C6
L1
Z5
Z4
Z3
C2
Z2
Z1
Z7
C8
C9
Z8
Z9
Z10
C13 Z15
L2
C14
B2
C15
C16
C17
C5
C4
Z6
+
+
C7
+
+
Z14
C12
C10
C3
C11
Z11
Z12
Z13
Figure 2. 930 - 960 MHz Broadband Test Circuit Component Layout
C1
C2
C3
C5
C6
C7
C8
C9
C10
C4
C11
C12
C13
C14
C15 C16
C17
L1
L2
B1
B2
Rev−01
900 MHz
VDD
VGG
MRF9045
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor
signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have
no impact on form, fit or function of the current product.


Similar Part No. - MRF9045LR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9045LR1 FREESCALE-MRF9045LR1 Datasheet
227Kb / 8P
   RF Power Field Effect Transistors
More results

Similar Description - MRF9045LR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com