Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB13NM50N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB13NM50N
Description  N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13NM50N Datasheet(HTML) 1 Page - STMicroelectronics

  STB13NM50N Datasheet HTML 1Page - STMicroelectronics STB13NM50N Datasheet HTML 2Page - STMicroelectronics STB13NM50N Datasheet HTML 3Page - STMicroelectronics STB13NM50N Datasheet HTML 4Page - STMicroelectronics STB13NM50N Datasheet HTML 5Page - STMicroelectronics STB13NM50N Datasheet HTML 6Page - STMicroelectronics STB13NM50N Datasheet HTML 7Page - STMicroelectronics STB13NM50N Datasheet HTML 8Page - STMicroelectronics STB13NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
March 2008
Rev 3
1/18
18
STB13NM50N/-1 - STF13NM50N
STP13NM50N - STW13NM50N
N-channel 500 V - 0.250
Ω - 12 A MDmesh™ II Power MOSFET
TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
Features
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Application
Switching applications
Description
This product is realized with the second
generation of MDmesh™ technology. This
revolutionary Power MOSFET associates a new
vertical structure to the company’s strip layout to
yield one of the world’s lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters.
Figure 1.
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
max
ID
STB13NM50N
550 V
0.32
12 A
STB13NM50N-1
550 V
0.32
12 A
STF13NM50N
550 V
0.32
12 A(1)
1.
Limited only by maximum temperature allowed
STP13NM50N
550 V
0.32
12 A
STW13NM50N
550 V
0.32
12 A
TO-220
TO-220FP
I²PAK
D²PAK
1
2
3
1
2
3
1
2
3
1
3
1
2
3
TO-247
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB13NM50N
B13NM50N
D²PAK
Tape and reel
STB13NM50N-1
B13NM50N
I²PAK
Tube
STF13NM50N
F13NM50N
TO-220FP
Tube
STP13NM50N
P13NM50N
TO-220
Tube
STW13NM50N
W13NM50N
TO-247
Tube
www.st.com


Similar Part No. - STB13NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB13NM50N STMICROELECTRONICS-STB13NM50N Datasheet
622Kb / 17P
   N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
STB13NM50N-1 STMICROELECTRONICS-STB13NM50N-1 Datasheet
622Kb / 17P
   N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
More results

Similar Description - STB13NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB14NM65N STMICROELECTRONICS-STB14NM65N Datasheet
550Kb / 18P
   N-channel 650 V, 0.33 廓, 12 A MDmesh??II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STB12NM50N STMICROELECTRONICS-STB12NM50N_08 Datasheet
588Kb / 19P
   N-channel 500 V, 0.29 廓, 11 A MDmesh??II Power MOSFET TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STB15NM60ND STMICROELECTRONICS-STB15NM60ND Datasheet
600Kb / 19P
   N-channel 600 V - 0.27 廓 - 14 A - FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
STW24NM65N STMICROELECTRONICS-STW24NM65N Datasheet
552Kb / 19P
   N-channel 650 V - 0.16 廓 - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com