Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI14NM65N Datasheet(PDF) 8 Page - STMicroelectronics

Part # STI14NM65N
Description  N-channel 650 V, 0.33 廓, 12 A MDmesh??II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI14NM65N Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STI14NM65N Datasheet HTML 4Page - STMicroelectronics STI14NM65N Datasheet HTML 5Page - STMicroelectronics STI14NM65N Datasheet HTML 6Page - STMicroelectronics STI14NM65N Datasheet HTML 7Page - STMicroelectronics STI14NM65N Datasheet HTML 8Page - STMicroelectronics STI14NM65N Datasheet HTML 9Page - STMicroelectronics STI14NM65N Datasheet HTML 10Page - STMicroelectronics STI14NM65N Datasheet HTML 11Page - STMicroelectronics STI14NM65N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STB/F/I/P/W14NM65N
8/18
Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations
Figure 14. Normalized gate threshold voltage
vs temperature
Figure 15. Normalized on resistance vs
temperature
Figure 16. Source-drain diode forward
characteristics
Figure 17. Normalized BVDSS vs temperature


Similar Part No. - STI14NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI14NM50N STMICROELECTRONICS-STI14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
logo
Inchange Semiconductor ...
STI14NM50N ISC-STI14NM50N Datasheet
342Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STI14NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STW24NM65N STMICROELECTRONICS-STW24NM65N Datasheet
552Kb / 19P
   N-channel 650 V - 0.16 廓 - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh??Power MOSFET
STF42N65M5 STMICROELECTRONICS-STF42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STX42N65M5 STMICROELECTRONICS-STX42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ?? 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
June 2009 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com