Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI14NM65N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STI14NM65N
Description  N-channel 650 V, 0.33 廓, 12 A MDmesh??II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI14NM65N Datasheet(HTML) 5 Page - STMicroelectronics

  STI14NM65N Datasheet HTML 1Page - STMicroelectronics STI14NM65N Datasheet HTML 2Page - STMicroelectronics STI14NM65N Datasheet HTML 3Page - STMicroelectronics STI14NM65N Datasheet HTML 4Page - STMicroelectronics STI14NM65N Datasheet HTML 5Page - STMicroelectronics STI14NM65N Datasheet HTML 6Page - STMicroelectronics STI14NM65N Datasheet HTML 7Page - STMicroelectronics STI14NM65N Datasheet HTML 8Page - STMicroelectronics STI14NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STB/F/I/P/W14NM65N
Electrical characteristics
5/18
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD =325 V, ID = 6 A
RG =4.7 Ω VGS = 10 V
(see Figure 18)
11
13
55
20
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
12
48
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 12 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 12 A, di/dt = 100 A/µs
VDD = 100 V
(see Figure 20)
390
5
25
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 12 A, di/dt = 100 A/µs
VDD = 100 V, TJ = 150 °C
(see Figure 20)
530
7
25
ns
µC
A


Similar Part No. - STI14NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI14NM50N STMICROELECTRONICS-STI14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
logo
Inchange Semiconductor ...
STI14NM50N ISC-STI14NM50N Datasheet
342Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STI14NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STW24NM65N STMICROELECTRONICS-STW24NM65N Datasheet
552Kb / 19P
   N-channel 650 V - 0.16 廓 - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh??Power MOSFET
STF42N65M5 STMICROELECTRONICS-STF42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STX42N65M5 STMICROELECTRONICS-STX42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ?? 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
June 2009 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com