Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB16NF06L Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB16NF06L
Description  N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB16NF06L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB16NF06L_06 Datasheet HTML 4Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 5Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 6Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 7Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 8Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 9Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 10Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 11Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Test circuit
STB16NF06L
8/13
3
Test circuit
Figure 12. Switching times test circuit for
resistive load
Figure 13. Gate charge test circuit
Figure 14. Test circuit for inductive load
switching and diode recovery times
Figure 15. Unclamped Inductive load test
circuit
Figure 16. Unclamped inductive waveform
Figure 17. Switching time waveform


Similar Part No. - STB16NF06L_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
logo
VBsemi Electronics Co.,...
STB16NF06LT4 VBSEMI-STB16NF06LT4 Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STB16NF06L_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
312Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET??POWER MOSFET
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
   N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
STB16PF06L STMICROELECTRONICS-STB16PF06L Datasheet
301Kb / 10P
   P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET
STD16NF06T4 STMICROELECTRONICS-STD16NF06T4 Datasheet
705Kb / 11P
   N-Channel 60V - 0.060廓 - 16A - DPAK STripFET??II Power MOSFET
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STB60NF06 STMICROELECTRONICS-STB60NF06_06 Datasheet
421Kb / 14P
   N-channel 60V - 0.014廓 - 60A - D2PAK/I2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com