Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H21LTI Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # H21LTI
Description  OPTOLOGIC OPTICAL INTERRUPTER SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H21LTI Datasheet(HTML) 5 Page - Fairchild Semiconductor

  H21LTI Datasheet HTML 1Page - Fairchild Semiconductor H21LTI Datasheet HTML 2Page - Fairchild Semiconductor H21LTI Datasheet HTML 3Page - Fairchild Semiconductor H21LTI Datasheet HTML 4Page - Fairchild Semiconductor H21LTI Datasheet HTML 5Page - Fairchild Semiconductor H21LTI Datasheet HTML 6Page - Fairchild Semiconductor H21LTI Datasheet HTML 7Page - Fairchild Semiconductor H21LTI Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
H21L Series Rev. 1.1.0
5
Typical Performance Characteristics
VCC - Supply Voltage (V)
02468
10
121416
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized to:
Turn ON Threshold
VCC = 5V
TA = 25˚C
IF (ON)
IF (OFF)
IF - Input Current (mA)
Figure 1. Output Voltage vs. Input Current
(Inverters)
Figure 2. Output Voltage vs. Input Current
(Buffers)
Figure 3. Normalized Threshold Current
vs. Shield Distance
Figure 4. Normalized Threshold Current
vs. Supply Voltage
IF - Input Current (mA)
012345
0
1
2
3
4
5
6
VOH
VOL
VCC = 5V
RL = 270Ω
TA = 25˚C
IF (ON)
IF (OFF)
d - Distance (mm)
012345678
1
10
+
E
D
+
d
Black Shield
0
0
Black Shield
d
Normalized to:
VCC = 5V
IF = 20mA Pulsed
Pulse Width = 100
µs
Duty Cycle = 0.1%
012345
0
1
2
3
4
5
6
VOL
VOH
IF (OFF)
IF (ON)
VCC = 5V
RL = 270Ω
TA = 25˚C


Similar Part No. - H21LTI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H21LTI FAIRCHILD-H21LTI Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTI FAIRCHILD-H21LTI Datasheet
148Kb / 9P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
More results

Similar Description - H21LTI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22L FAIRCHILD-H22L_04 Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
322Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB_04 Datasheet
148Kb / 9P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
191Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00120 FAIRCHILD-QVE00120 Datasheet
146Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112_04 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com