Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2530M Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # HCPL2530M
Description  High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530M Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button HCPL2530M Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 9Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 10Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 11Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 12Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.1
9
PRELIMINARY
Package Dimensions
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
Through Hole
Surface Mount
Note:
All dimensions are in inches (millimeters)
0.4" Lead Spacing
8-Pin DIP – Land Pattern (option S)
0.200 (5.08)
0.140 (3.55)
0.100 (2.54) TYP
0.022 (0.56)
0.016 (0.41)
0.020 (0.51) MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.045 (1.14)
2
41
56
7
8
0.300 (7.62)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
15
° MAX
PIN 1
ID.
Lead Coplanarity : 0.004 (0.10) MAX
0.270 (6.86)
0.250 (6.35)
0.390 (9.91)
0.370 (9.40)
0.022 (0.56)
0.016 (0.41)
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.070 (1.78)
0.045 (1.14)
0.300 (7.62)
TYP
0.405 (10.30)
MAX.
0.315 (8.00)
MIN
0.045 [1.14]
32
1
4
56
7
8
0.016 (0.41)
0.008 (0.20)
PIN 1
ID.
0.200 (5.08)
0.140 (3.55)
0.100 (2.54) TYP
0.022 (0.56)
0.016 (0.41)
0.004 (0.10) MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.045 (1.14)
2
41
56
7
8
0.400 (10.16)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
0
° to 15°
PIN 1
ID.
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.295 (7.49)
0.415 (10.54)


Similar Part No. - HCPL2530M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL2530M FAIRCHILD-HCPL2530M Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
ON Semiconductor
HCPL2530M ONSEMI-HCPL2530M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
More results

Similar Description - HCPL2530M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com