Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204B122ML Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6204B122ML
Description  High Speed LDO Regulators Output ON-OFF Control
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204B122ML Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6204B122ML Datasheet HTML 1Page - Torex Semiconductor XC6204B122ML Datasheet HTML 2Page - Torex Semiconductor XC6204B122ML Datasheet HTML 3Page - Torex Semiconductor XC6204B122ML Datasheet HTML 4Page - Torex Semiconductor XC6204B122ML Datasheet HTML 5Page - Torex Semiconductor XC6204B122ML Datasheet HTML 6Page - Torex Semiconductor XC6204B122ML Datasheet HTML 7Page - Torex Semiconductor XC6204B122ML Datasheet HTML 8Page - Torex Semiconductor XC6204B122ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
3/49
XC6204/XC6205
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A / E
: High Active, pull-down resistor built-in
B / F
: High Active, no pull-down resistor built-in
C / G
: Low Active, pull-up resistor built-in
(*1)
Type of Regulator
(CE pin Logic)
D / H
: Low Active, no pull-up resistor built-in
② ③
Output Voltage
09 ~ 60,
: e.g. VOUT=2.0V
②→=2, ③=0
2
: 100mV increments,
±2% accuracy
e.g. VOUT=3.8V,
±2%→②=3, ③=8, ④=2
1 (*2)
: 100mV increments,
±1% accuracy
e.g. VOUT=3.0V,
±1%→②=3, ③=0, ④=1
A
: 0.05V increments,
±2% accuracy
e.g. VOUT=3.85V,
±2%→②=3, ③=8, ④=A
Output Voltage
Accuracy
B (*2)
: 0.05V increments,
±1% accuracy
e.g. VOUT=3.05V,
±1%→②=3, ③=0, ④=B
M
: SOT-25 (SOT-23-5)
D
: USP-6B
Package
P
: SOT-89-5
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
XC6204/6205
①②③④⑤⑥
NOTE :
*1: E to H types are compatible to 300mA of XC6204 series.
*2: Output voltage range of the
±1% accuracy product is 3.0V to 6.0V.
■PRODUCT CLASSIFICATION
●Selection Guide
The following options for the CE pin logic and internal pull-up/down are available:
High Active + no pull-down resistor built-in (standard)
High Active + 300k
Ω pull-down resistor built-in <between CE-VSS> (semi-custom)
Low Active + no pull-up resistor built-in (semi-custom)
Low Active + 300k
Ω pull-up resistor built-in <between CE-VSS> (semi-custom)
Note:
With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN /
300k
Ω (TYP.)
●Ordering Information


Similar Part No. - XC6204B122ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204B122ML TOREX-XC6204B122ML Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
More results

Similar Description - XC6204B122ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com