Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24128-BRCS5TG Datasheet(PDF) 10 Page - STMicroelectronics

Part # M24128-BRCS5TG
Description  128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BRCS5TG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M24128-BRCS5TG Datasheet HTML 6Page - STMicroelectronics M24128-BRCS5TG Datasheet HTML 7Page - STMicroelectronics M24128-BRCS5TG Datasheet HTML 8Page - STMicroelectronics M24128-BRCS5TG Datasheet HTML 9Page - STMicroelectronics M24128-BRCS5TG Datasheet HTML 10Page - STMicroelectronics M24128-BRCS5TG Datasheet HTML 11Page - STMicroelectronics M24128-BRCS5TG Datasheet HTML 12Page - STMicroelectronics M24128-BRCS5TG Datasheet HTML 13Page - STMicroelectronics M24128-BRCS5TG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Signal description
M24128, M24C64, M24C32
10/39
Figure 5.
Maximum RP value versus bus parasitic capacitance (C) for an I
2C bus
Figure 6.
I2C bus protocol
1
10
100
10
100
1000
Bus line capacitor (pF)
fC = 400 kHz, tLOW = 1.3 µs
Rbus x Cbus time
constant must be less than
500 ns
I²C bus
master
M24xxx
Rbus
VCC
Cbus
SCL
SDA
ai14796
SCL
SDA
SCL
SDA
SDA
Start
Condition
SDA
Input
SDA
Change
AI00792B
Stop
Condition
1
23
7
89
MSB
ACK
Start
Condition
SCL
1
23
7
89
MSB
ACK
Stop
Condition


Similar Part No. - M24128-BRCS5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128-BRCS6 STMICROELECTRONICS-M24128-BRCS6 Datasheet
1Mb / 40P
   128-Kbit serial I짼C bus EEPROM
April 2013 Rev 23
M24128-BRCS6T STMICROELECTRONICS-M24128-BRCS6T Datasheet
1Mb / 40P
   128-Kbit serial I짼C bus EEPROM
April 2013 Rev 23
More results

Similar Description - M24128-BRCS5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24C64 STMICROELECTRONICS-M24C64 Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24128-BW STMICROELECTRONICS-M24128-BW Datasheet
396Kb / 40P
   128-Kbit serial I짼C bus EEPROM
M24128-BFMC6TG STMICROELECTRONICS-M24128-BFMC6TG Datasheet
1Mb / 40P
   128-Kbit serial I짼C bus EEPROM
April 2013 Rev 23
M24C64-W STMICROELECTRONICS-M24C64-W Datasheet
465Kb / 42P
   64-Kbit serial I짼C bus EEPROM
M24C64-FDW5TP STMICROELECTRONICS-M24C64-FDW5TP Datasheet
838Kb / 45P
   64-Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
   32 Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com