Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204F122ML Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6204F122ML
Description  High Speed LDO Regulators Output ON-OFF Control
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204F122ML Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6204F122ML Datasheet HTML 1Page - Torex Semiconductor XC6204F122ML Datasheet HTML 2Page - Torex Semiconductor XC6204F122ML Datasheet HTML 3Page - Torex Semiconductor XC6204F122ML Datasheet HTML 4Page - Torex Semiconductor XC6204F122ML Datasheet HTML 5Page - Torex Semiconductor XC6204F122ML Datasheet HTML 6Page - Torex Semiconductor XC6204F122ML Datasheet HTML 7Page - Torex Semiconductor XC6204F122ML Datasheet HTML 8Page - Torex Semiconductor XC6204F122ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
2/49
XC6204/XC6205 Series
PIN NUMBER
SOT-25
SOT-89-5
USP-6B
PIN NAME
FUNCTION
1
4
1
VIN
Input
2
2
5
VSS
Ground
3
3
6
CE
ON/OFF Control
4
1
2, 4
NC
No Connection
5
5
3
VOUT
Output
●XC6204/6205 A, B, E, F Series
CE
OPERATIONAL STATE
H
ON
L
OFF
●XC6204/6205 C, D, G, H Series
CE
OPERATIONAL STATE
H
OFF
L
ON
H= High Level
L= Low Level
■PIN CONFIGURATION
■PIN ASSIGNMENT
*The
dissipation
pad
for
the
USP-6B
package
should
be
solder-plated
in
recommended
mount pattern and metal masking
so
as
to
enhance
mounting
strength and heal release.
If the
pad needs to be connected to
other pins, it should be connected
to the VSS (No.5) pin.
USP-6B
(BOTTOM VIEW)
SOT-25
(TOP VIEW)
SOT-89-5
(TOP VIEW)
■FUNCTIONS
VSS 5
NC 4
CE 6
1 VIN
2 NC
3 VOUT


Similar Part No. - XC6204F122ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
   Voltage Regulators
XC6204 TOREX-XC6204 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6204 TOREX-XC6204 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
XC6204182 TOREX-XC6204182 Datasheet
336Kb / 26P
   High Speed LDO Regulators
XC6204182D TOREX-XC6204182D Datasheet
336Kb / 26P
   High Speed LDO Regulators
More results

Similar Description - XC6204F122ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com