Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYRF69213 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYRF69213
Description  Programmable Radio on Chip Low Power
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69213 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYRF69213 Datasheet HTML 4Page - Cypress Semiconductor CYRF69213 Datasheet HTML 5Page - Cypress Semiconductor CYRF69213 Datasheet HTML 6Page - Cypress Semiconductor CYRF69213 Datasheet HTML 7Page - Cypress Semiconductor CYRF69213 Datasheet HTML 8Page - Cypress Semiconductor CYRF69213 Datasheet HTML 9Page - Cypress Semiconductor CYRF69213 Datasheet HTML 10Page - Cypress Semiconductor CYRF69213 Datasheet HTML 11Page - Cypress Semiconductor CYRF69213 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
CYRF69213
Document #: 001-07552 Rev. *C
Page 8 of 76
Nominal Frequency: 12 MHz
Operating Mode: Fundamental Mode
Resonance Mode: Parallel Resonant
Frequency Initial Stability: ±30 ppm
Series Resistance: <60 ohms
Load Capacitance: 10 pF
Drive Level:100 μW
The MCU function features an internal oscillator. With the
presence of USB traffic, the internal oscillator can be set to
precisely tune to USB timing requirements (24 MHz ±1.5%). The
clock generator provides the 12-MHz and 24-MHz clocks that
remain internal to the microcontroller.
GPIO Interface
The MCU function features up to 20 general-purpose IO (GPIO)
pins to support USB, PS/2, and other applications. The IO pins
are grouped into five ports (Port 0 to 4). The pins on Port 0 and
Port 1 may each be configured individually while the pins on
Ports 2, 3, and 4 may only be configured as a group. Each GPIO
port supports high-impedance inputs, configurable pull up, open
drain output, CMOS/TTL inputs, and CMOS output with up to five
pins that support programmable drive strength of up to 50-mA
sink current. GPIO Port 1 features four pins that interface at a
voltage level of 3.3 volts. Additionally, each IO pin can be used
to generate a GPIO interrupt to the microcontroller. Each GPIO
port has its own GPIO interrupt vector with the exception of GPIO
Port 0. GPIO Port 0 has three dedicated pins that have
independent interrupt vectors (P0.3–P0.4).
Power-On Reset/Low-Voltage Detect
The power-on reset circuit detects logic when power is applied
to the device, resets the logic to a known state, and begins
executing instructions at Flash address 0x0000. When power
falls below a programmable trip voltage, it generates reset or
may be configured to generate interrupt. There is a low-voltage
detect circuit that detects when VCC drops below a program-
mable trip voltage. It may be configurable to generate an LVD
interrupt to inform the processor about the low-voltage event.
POR and LVD share the same interrupt. There is not a separate
interrupt for each. The Watchdog timer can be used to ensure
the firmware never gets stalled in an infinite loop.
Power Management
The device draws its power supply from the USB Vbus line. The
Vbus supplies power to the MCU function, which has an internal
3.3 V regulator. This 3.3 V is supplied to the radio function via
P1.2/VREG after proper filtering as shown in Figure 3.
Figure 3. Power Management From Internal Regulator
Timers
The free-running 16-bit timer provides two interrupt sources: the
programmable interval timer with 1-
μs resolution and the
1.024-ms outputs. The timer can be used to measure the
duration of an event under firmware control by reading the timer
at the start and at the end of an event, then calculating the
difference between the two values.
USB Interface
The MCU function includes an integrated USB serial interface
engine (SIE) that allows the chip to easily interface to a USB
host. The hardware supports one USB device address with three
endpoints.
Low Noise Amplifier (LNA) and Received
Signal Strength Indication (RSSI)
The gain of the receiver may be controlled directly by clearing
the AGC EN bit and writing to the Low Noise Amplifier (LNA) bit
of the RX_CFG_ADR register. When the LNA bit is cleared, the
receiver gain is reduced by approximately 20 dB, allowing
accurate reception of very strong received signals (for example
when operating a receiver very close to the transmitter). An
additional 20 dB of receiver attenuation can be added by setting
the Attenuation (ATT) bit; this allows data reception to be limited
to devices at very short ranges. Disabling AGC and enabling
LNA is recommended unless receiving from a device using
external PA.
The RSSI register returns the relative signal strength of the
on-channel signal power.
When receiving, the device may be configured to automatically
measure and store the relative strength of the signal being
received as a 5-bit value. When enabled, an RSSI reading is
PRoC LP
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
VDD_MICRO
VDD
0.1µF
P1.2 / VReg
1 ohm
[+] Feedback


Similar Part No. - CYRF69213

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 85P
   Programmable Radio on Chip Low Power
CYRF69213-40LFXC CYPRESS-CYRF69213-40LFXC Datasheet
1Mb / 85P
   Programmable Radio on Chip Low Power
CYRF69213-40LFXC CYPRESS-CYRF69213-40LFXC Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69213-40LFXC CYPRESS-CYRF69213-40LFXC Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYRF69213-40LTXC CYPRESS-CYRF69213-40LTXC Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
More results

Similar Description - CYRF69213

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 85P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
   Programmable Radio on Chip Low Power
CYRF69103A-40LFXC CYPRESS-CYRF69103A-40LFXC Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com